Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F08LM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F08LM
Description  Quad 2-Input AND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F08LM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54F08LM Datasheet HTML 1Page - National Semiconductor (TI) 54F08LM Datasheet HTML 2Page - National Semiconductor (TI) 54F08LM Datasheet HTML 3Page - National Semiconductor (TI) 54F08LM Datasheet HTML 4Page - National Semiconductor (TI) 54F08LM Datasheet HTML 5Page - National Semiconductor (TI) 54F08LM Datasheet HTML 6Page - National Semiconductor (TI) 54F08LM Datasheet HTML 7Page - National Semiconductor (TI) 54F08LM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54F/74F08
Quad 2-Input AND Gate
General Description
This device contains four independent gates, each of which
performs the logic AND function.
Features
n
Guaranteed 4000V minimum ESD protection
Ordering Code: See Section 0
Commercial
Military
Package
Package Description
Number
74F08PC
N14A
14-Lead (0.300" Wide) Molded Dual-In-Line
54F08DM (Note 2)
J14A
14-Lead Ceramic Dual-In-Line
74F08SC (Note 1)
M14A
14-Lead (0.150" Wide) Molded Small Outline, JEDEC
74F08SJ (Note 1)
M14D
14-Lead (0.300" Wide) Molded Small Outline, EIAJ
54F08FM (Note 2)
W14B
14-Lead Cerpack
54F08LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Note 1: Devices also available in 13" reel. Use suffix = SCX and SJX.
Note 2: Military grade device with environmental and burn-in processing. Use suffix = DMQB, FMQB and LMQB.
Logic Symbol
Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
IEEE/IEC
DS009457-3
Pin Assignment
for DIP, SOIC and Flatpak
DS009457-2
Pin Assignment
for LCC
DS009457-1
December 1994
© 1997 National Semiconductor Corporation
DS009457
www.national.com
1
PrintDate=1997/08/26 PrintTime=15:23:43 9460 ds009457 Rev. No. 1
cmserv
Proof
1
DSXXX


Similar Part No. - 54F08LM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54F08DMQB TI1-54F08DMQB Datasheet
359Kb / 10P
Quad 2-Input AND Gate
More results

Similar Description - 54F08LM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F_07 Datasheet
246Kb / 9P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com