Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95080-DRMF3TP Datasheet(PDF) 24 Page - STMicroelectronics

Part # M95080-DRMF3TP
Description  Automotive 8-Kbit serial SPI bus EEPROMs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-DRMF3TP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M95080-DRMF3TP Datasheet HTML 20Page - STMicroelectronics M95080-DRMF3TP Datasheet HTML 21Page - STMicroelectronics M95080-DRMF3TP Datasheet HTML 22Page - STMicroelectronics M95080-DRMF3TP Datasheet HTML 23Page - STMicroelectronics M95080-DRMF3TP Datasheet HTML 24Page - STMicroelectronics M95080-DRMF3TP Datasheet HTML 25Page - STMicroelectronics M95080-DRMF3TP Datasheet HTML 26Page - STMicroelectronics M95080-DRMF3TP Datasheet HTML 27Page - STMicroelectronics M95080-DRMF3TP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Instructions
M95080-A125 M95080-A145
24/42
DocID024205 Rev 8
The Read Lock Status instruction is not accepted and not executed if a Write cycle is
currently in progress.
Figure 14. Read Lock Status sequence
4.10
Lock Identification Page (LID)
The Lock Identification Page (LID) command is used to permanently lock the Identification
Page in Read-only mode.
The LID instruction is issued by driving Chip Select (S) low, sending (MSB first) the
instruction code, the address and a data byte on Serial Data input (D), and driving Chip
Select (S) high. Address bit A7 must be equal to 1. All other address bits are Don't Care (it
might be easier to define these bits as 0, as shown in Table 7). The data byte sent must be
equal to the binary value xxxx xx1x, where x = Don't Care. The LID instruction is terminated
by driving Chip Select (S) high at a data byte boundary, otherwise, the instruction is not
executed.
Figure 15. Lock ID sequence
Driving Chip Select (S) high at a byte boundary of the input data triggers the self-timed Write
cycle which duration is tW (specified in Table 15). The instruction sequence is shown in
Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com