Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95160-DRMF3TP Datasheet(PDF) 41 Page - STMicroelectronics

Part # M95160-DRMF3TP
Description  Automotive 16-Kbit serial SPI bus EEPROMs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-DRMF3TP Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M95160-DRMF3TP Datasheet HTML 34Page - STMicroelectronics M95160-DRMF3TP Datasheet HTML 35Page - STMicroelectronics M95160-DRMF3TP Datasheet HTML 36Page - STMicroelectronics M95160-DRMF3TP Datasheet HTML 37Page - STMicroelectronics M95160-DRMF3TP Datasheet HTML 38Page - STMicroelectronics M95160-DRMF3TP Datasheet HTML 39Page - STMicroelectronics M95160-DRMF3TP Datasheet HTML 40Page - STMicroelectronics M95160-DRMF3TP Datasheet HTML 41Page - STMicroelectronics M95160-DRMF3TP Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
DocID023726 Rev 6
41/42
M95160-A125 M95160-A145
Revision history
41
11
Revision history
Table 20. Document revision history
Date
Revision
Changes
19-Dec-2012
1
Initial release.
05-Sep-2013
2
Document status changed from “Target specification” to “Preliminary
data”.
Added WFDFPN8 (MF) package.
Removed UFDFPN8 (MLP8) package.
Deleted note(1) under Table 6: Instruction set.
Updated note (1) under Table 8: Absolute maximum ratings.
06-Dec-2013
3
Updated Figure 24: WFDFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm
pitch very very thin fine pitch dual flat package outline.
Modified the Data retention from “40 years at 50
°C” to “50 years at
125
°C”
Document status changed from “Preliminary data” to “production
data.
25-Sept-2014
4
Updated Note 2 below Table 8: Absolute maximum ratings
Updated Table 14: DC characteristics (voltage range R, temperature
range 3)
Added Note 2 below Figure 24: WFDFPN8 (MLP8) – 8-lead, 2 x
3 mm, 0.5 mm pitch very very thin fine pitch dual flat package outline
Updated Table 19: Ordering information scheme
14-Jan-2015
5
Updated Table 18: WFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch
very very thin fine pitch dual flat package mechanical data
Updated Figure 24: WFDFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm
pitch very very thin fine pitch dual flat package outline
Added paragraph: Engineering samples on page 40
08-Feb-2016
6
Updated
– Section 9: Package mechanical data
–VCC min value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com