Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95020-DRMF4TG Datasheet(PDF) 39 Page - STMicroelectronics

Part # M95020-DRMF4TG
Description  Automotive 2-Kbit serial SPI bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-DRMF4TG Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M95020-DRMF4TG Datasheet HTML 33Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 34Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 35Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 36Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 37Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 38Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 39Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 40Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
DocID025284 Rev 5
39/41
M95020-A125 M95020-A145
Part numbering
40
10
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Engineering samples
Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are
not yet qualified and therefore not yet ready to be used in production and any consequences
deriving from such usage will not be at ST charge. In no event, ST will be liable for any
customer usage of these engineering samples in production. ST Quality has to be contacted
prior to any decision to use these Engineering samples to run qualification activity.
Table 18. Ordering information scheme
Example:
M95020-D
W DW 4
T
P /K
Device type
M95 = SPI serial access EEPROM
Device function
020-D = 2Kbit (256 byte) plus Identification Page
Operating voltage
W = VCC = 2.5 to 5.5 V
R = VCC = 1.7 to 5.5 V
Package(1)
1. All packages are ECOPACK2® (RoHS compliant and free of brominated, chlorinated and antimony-oxide
flame retardants).
MN = SO8 (150 mils width)
DW = TSSOP8 (169 mils width)
MF = WFDFPN8 (2 x 3 mm)
Device grade
3 = –40 to 125 °C. Device tested with high reliability certified flow(2)
2. The high reliability certified flow (HRCF) is described in quality note QNEE9801. Please ask your nearest
ST sales office for a copy.
4 = –40 to 145 °C. Device tested with high reliability certified flow(2)
Option
blank = Tube packing
T = Tape and reel packing
Plating technology
P or G = ECOPACK2®
Process letter
/K = Manufacturing technology code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com