Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95080-DRMN4TG Datasheet(PDF) 39 Page - STMicroelectronics

Part # M95080-DRMN4TG
Description  Automotive 8-Kbit serial SPI bus EEPROMs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-DRMN4TG Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M95080-DRMN4TG Datasheet HTML 34Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 35Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 36Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 37Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 38Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 39Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 40Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 41Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
DocID024205 Rev 8
39/42
M95080-A125 M95080-A145
Package mechanical data
41
Table 18. WFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch very very thin fine pitch
dual flat package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to four decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.700
0.750
0.800
0.0276
0.0295
0.0315
A1
0.025
0.045
0.065
0.0010
0.0018
0.0026
b
0.200
0.250
0.300
0.0079
0.0098
0.0118
D
1.900
2.000
2.100
0.0748
0.0787
0.0827
E
2.900
3.000
3.100
0.1142
0.1181
0.1220
e
-
0.500
-
-
0.0197
-
L1
-
-
0.150
-
-
0.0059
L3
0.300
-
-
0.0118
-
-
D2
1.050
-
1.650
0.0413
-
0.0650
E2
1.050
-
1.450
0.0413
-
0.0571
K
0.400
-
-
0.0157
-
-
L
0.300
-
0.500
0.0118
-
0.0197
NX(2)
2. NX is the number of terminals.
8
ND(3)
3. ND is the number of terminals on “D” sides.
4
aaa
0.150
0.0059
bbb
0.100
0.0039
ccc
0.100
0.0039
ddd
0.050
0.0020
eee(4)
4. Applied for exposed die paddle and terminals. Exclude embedding part of exposed die paddle from mea-
suring.
0.080
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com