Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95080-DRMF4TG Datasheet(PDF) 41 Page - STMicroelectronics

Part # M95080-DRMF4TG
Description  Automotive 8-Kbit serial SPI bus EEPROMs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-DRMF4TG Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M95080-DRMF4TG Datasheet HTML 34Page - STMicroelectronics M95080-DRMF4TG Datasheet HTML 35Page - STMicroelectronics M95080-DRMF4TG Datasheet HTML 36Page - STMicroelectronics M95080-DRMF4TG Datasheet HTML 37Page - STMicroelectronics M95080-DRMF4TG Datasheet HTML 38Page - STMicroelectronics M95080-DRMF4TG Datasheet HTML 39Page - STMicroelectronics M95080-DRMF4TG Datasheet HTML 40Page - STMicroelectronics M95080-DRMF4TG Datasheet HTML 41Page - STMicroelectronics M95080-DRMF4TG Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
DocID024205 Rev 8
41/42
M95080-A125 M95080-A145
Revision history
41
11
Revision history
Table 20. Document revision history
Date
Revision
Changes
01-Feb-2013
1
Initial release.
06-May-2013
2
– Added WFDFPN8 (MF) package.
– Removed UFDFPN8 (MLP8) package.
– Updated note (1) under Table 8: Absolute maximum ratings.
06-Jun-2013
3
Updated Table 7: Significant bits within the two address bytes.
Updated Figure 24: WFDFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm
pitch very very thin fine pitch dual flat package outline
10-Dec-2013
4
Modified the Data retention from “40 years at 50 °C” to “50 years at
125 °C”
Document status changed from “Preliminary data” to “production
data.
21-Mar-2014
5
ID page related instructions: address bit change from A9 to A7.
Updated Table 18: WFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch
very very thin fine pitch dual flat package mechanical data
Added note2 to Figure 24: WFDFPN8 (MLP8) – 8-lead, 2 x 3 mm,
0.5 mm pitch very very thin fine pitch dual flat package outline
25-Sept-2014
6
Updated Note 2 below Table 8: Absolute maximum ratings.
Updated Table 14: DC characteristics (voltage range R, temperature
range 3).
Updated Table 18: WFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch
very very thin fine pitch dual flat package mechanical data
Updated Table 19: Ordering information scheme.
Added Note 2 below Figure 24: WFDFPN8 (MLP8) – 8-lead, 2 x
3 mm, 0.5 mm pitch very very thin fine pitch dual flat package
outline.
13-Jan-2015
7
Updated Table 18: WFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch
very very thin fine pitch dual flat package mechanical data
Updated Figure 24: WFDFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm
pitch very very thin fine pitch dual flat package outline
Added paragraph: Engineering samples on page 40
12-Feb-2016
8
Updated
– Section 9: Package mechanical data
–VCC min value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com