Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK45C Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK45C
Description  This LED illuminated ring potentiometer is best suited for knob design of various set devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK45C Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK45C Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK45C Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK45C Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
383
383
List of Varieties
Ring Type Potentiometers
Type
39mm size
45mm size
Series
RK39A
RK45B
RK45C
Single-unit
Single-unit
Single-unit
Photo
Features
LED illuminate
Dimensions
(mm)
W
39
45
D
39.5
45.5
H
8.5
9.5
Operating temperature range
−40℃ to +85℃
Operating life
30,000 cycles
Automotive use
●
●
●
Life cycle
Electrical
performance
Total
resistance(k Ω)
5
Resistance
taper
B
Rated power
0.05W
Insulation resistance
10MΩ min. 50V DC
Voltage proof
50V AC for 1minute
Mechanical
performance
Detent torque
40±16mN・m
50±20mN・m
55±20mN・m
40±16mN・m
40±16mN・m
Number
of positions
6, 17
8, 17
17
Stopper strength
1N・m
Push-pull strength
100N(Push),50N(Pull)
Vibration
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
Terminal type
Insertion
Page
384
385
Ring Type Potentiometers Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 386
Potentiometers Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 427
Potentiometers Measurement and Test Methods ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 429
Potentiometers Resistance Taper ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 431
Notes
1. The operating temperature range for automotive applications can be raised upon request.
Please contact us for details.
2. ● Indicates applicability to all products in the series.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com