Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F14PC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F14PC
Description  Hex Inverter Schmitt Trigger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F14PC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F14PC Datasheet HTML 1Page - National Semiconductor (TI) 74F14PC Datasheet HTML 2Page - National Semiconductor (TI) 74F14PC Datasheet HTML 3Page - National Semiconductor (TI) 74F14PC Datasheet HTML 4Page - National Semiconductor (TI) 74F14PC Datasheet HTML 5Page - National Semiconductor (TI) 74F14PC Datasheet HTML 6Page - National Semiconductor (TI) 74F14PC Datasheet HTML 7Page - National Semiconductor (TI) 74F14PC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9461
December 1994
54F74F14
Hex Inverter Schmitt Trigger
General Description
The ’F14 contains six logic inverters which accept standard
TTL input signals and provide standard TTL output levels
They are capable of transforming slowly changing input sig-
nals into sharply defined jitter-free output signals In addi-
tion they have a greater noise margin than conventional
inverters
Each circuit contains a Schmitt trigger followed by a Darling-
ton level shifter and a phase splitter driving a TTL totem-
pole output The Schmitt trigger uses positive feed back to
effectively speed-up slow input transition and provide differ-
ent input threshold voltages for positive and negative-going
transitions This hysteresis between the positive-going and
negative-going input thresholds (typically 800 mV) is deter-
mined internally by resistor ratios and is essentially insensi-
tive to temperature and supply voltage variations
Features
Y
Guaranteed 4000V minimum ESD protection
Y
Standard Military Drawing
5962-88752
Commercial
Military
Package
Package Description
Number
74F14PC
N14A
14-Lead (0300 Wide) Molded Dual-In-Line
54F14DM (Note 2)
J14A
14-Lead Ceramic Dual-In-Line
74F14SC (Note 1)
M14A
14-Lead (0150 Wide) Molded Small Outline JEDEC
74F14SJ (Note 1)
M14D
14-Lead (0300 Wide) Molded Small Outline EIAJ
54F14FM (Note 2)
W14B
14-Lead Cerpack
54F14LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use Suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbol
IEEEIEC
TLF9461 – 3
Connection Diagrams
Pin Assignment
DIP SOIC and Flatpak
TLF9461 – 1
Pin Assignment
for LCC
TLF9461 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F14PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F14PC FAIRCHILD-74F14PC Datasheet
50Kb / 4P
Hex Inverter Schmitt Trigger
74F14PC FAIRCHILD-74F14PC Datasheet
68Kb / 5P
Hex Inverter Schmitt Trigger
More results

Similar Description - 74F14PC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
HEX SCHMITT-TRIGGER INVERTER
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
Hex Inverter Schmitt Trigger
logo
Texas Instruments
74ACT11014 TI1-74ACT11014 Datasheet
88Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
CD74AC14 TI1-CD74AC14_14 Datasheet
594Kb / 12P
Hex Schmitt-trigger inverter
SN74ALVC14 TI1-SN74ALVC14_15 Datasheet
686Kb / 17P
HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com