Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFLVDS32A Datasheet(PDF) 13 Page - STMicroelectronics

Part # RHFLVDS32A
Description  Rad-hard quad LVDS receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS32A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RHFLVDS32A Datasheet HTML 7Page - STMicroelectronics RHFLVDS32A Datasheet HTML 8Page - STMicroelectronics RHFLVDS32A Datasheet HTML 9Page - STMicroelectronics RHFLVDS32A Datasheet HTML 10Page - STMicroelectronics RHFLVDS32A Datasheet HTML 11Page - STMicroelectronics RHFLVDS32A Datasheet HTML 12Page - STMicroelectronics RHFLVDS32A Datasheet HTML 13Page - STMicroelectronics RHFLVDS32A Datasheet HTML 14Page - STMicroelectronics RHFLVDS32A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DocID025371 Rev 3
13/15
RHFLVDS32A
Ordering information
15
8
Ordering information
Note:
Contact your ST sales office for information regarding the specific conditions for products in
die form and QML-Q versions.
9
Shipping information
Date code
The date code is structured as follows:
Engineering model: EM xyywwz
QML flight model: FM yywwz
Where:
x = 3 (EM only), assembly location Rennes (France)
yy = last two digits of the year
ww = week digits
z = lot index of the week
Table 9. Order codes
Order code
Description
Temp. range
Package
Marking(1)
1.
Specific marking only. Complete marking includes the following:
- SMD pin (on QML-V flight only)
- ST logo
- Date code (date the package was sealed) in YYWWA (year, week, and lot index of week)
- QML logo (Q or V)
- Country of origin (FR = France).
Packing
RHFLVDS32AK1
Engineering
model
-55 °C to
125 °C
Ceramic
Flat-16
RHFLVDS32AK1
Strip
pack
RHFLVDS32AK01V
QML-V flight
5962F9865207VZC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com