Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000AKP01V Datasheet(PDF) 11 Page - STMicroelectronics

Part # RHFL6000AKP01V
Description  2 A rad-hard adjustable positive voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000AKP01V Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RHFL6000AKP01V Datasheet HTML 7Page - STMicroelectronics RHFL6000AKP01V Datasheet HTML 8Page - STMicroelectronics RHFL6000AKP01V Datasheet HTML 9Page - STMicroelectronics RHFL6000AKP01V Datasheet HTML 10Page - STMicroelectronics RHFL6000AKP01V Datasheet HTML 11Page - STMicroelectronics RHFL6000AKP01V Datasheet HTML 12Page - STMicroelectronics RHFL6000AKP01V Datasheet HTML 13Page - STMicroelectronics RHFL6000AKP01V Datasheet HTML 14Page - STMicroelectronics RHFL6000AKP01V Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
RHFL6000A
Electrical characteristics
DocID028379 Rev 2
11/31
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tPHL
Inhibit
propagation
delay, turn-on (3)
VI = VO + 2.5 V,
VINH = from 2.4 V to 0 V,
IO = 400 mA , VO = 3 V,
CI = CO = 10 µF
100
µs
eN
Output noise
voltage (3)
B = 10 Hz to 100 kHz,
IO = 5 mA to 2 A
40
µVrms
Notes:
(1)These values are guaranteed by design. For each application it is strongly recommended to comply with the
maximum current limit of the package used.
(2)See Table 6: "Tid tests results".
(3)These values are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com