Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000AKP02V Datasheet(PDF) 21 Page - STMicroelectronics

Part # RHFL6000AKP02V
Description  2 A rad-hard adjustable positive voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000AKP02V Datasheet(HTML) 21 Page - STMicroelectronics

Back Button RHFL6000AKP02V Datasheet HTML 17Page - STMicroelectronics RHFL6000AKP02V Datasheet HTML 18Page - STMicroelectronics RHFL6000AKP02V Datasheet HTML 19Page - STMicroelectronics RHFL6000AKP02V Datasheet HTML 20Page - STMicroelectronics RHFL6000AKP02V Datasheet HTML 21Page - STMicroelectronics RHFL6000AKP02V Datasheet HTML 22Page - STMicroelectronics RHFL6000AKP02V Datasheet HTML 23Page - STMicroelectronics RHFL6000AKP02V Datasheet HTML 24Page - STMicroelectronics RHFL6000AKP02V Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
RHFL6000A
Typical performance characteristics
DocID028379 Rev 2
21/31
10
Typical performance characteristics
(CIN = COUT = 10 µF tantalum, unless otherwise specified)
Figure 5: Output voltage vs temperature
(VIN = 2.5 V, IOUT = 5 mA)
Figure 6: Output voltage vs temperature
(VIN = 2.5 V, IOUT = 400 mA)
Figure 7: Output voltage vs temperature
(VIN = 2.5 V IOUT = 1 A)
Figure 8: Output voltage vs temperature
(VIN = 2.5 V IOUT = 2 A)
GIPD240620151357MT
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
-55
-40
-25
0
25
55
85
125
Temperature ºC
GIPD240620151216MT
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
-55
-40
-25
0
25
55
85
125
Temperature ºC
GIPD240620151155MT
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
-55
-40
-25
0
25
55
85
125
Temperature ºC
GIPD240620151148MT
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
-55
-40
-25
0
25
55
85
125
Temperature ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com