Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161K Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # C161K
Description  16-Bit Single-Chip Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161K Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button C161K Datasheet HTML 9Page - Infineon Technologies AG C161K Datasheet HTML 10Page - Infineon Technologies AG C161K Datasheet HTML 11Page - Infineon Technologies AG C161K Datasheet HTML 12Page - Infineon Technologies AG C161K Datasheet HTML 13Page - Infineon Technologies AG C161K Datasheet HTML 14Page - Infineon Technologies AG C161K Datasheet HTML 15Page - Infineon Technologies AG C161K Datasheet HTML 16Page - Infineon Technologies AG C161K Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
C161K
C161O
Data Sheet
9
V2.0, 2001-01
Functional Description
The architecture of the C161K/O combines advantages of both RISC and CISC
processors and of advanced peripheral subsystems in a very well-balanced way. In
addition the on-chip memory blocks allow the design of compact systems with maximum
performance.
The following block diagram gives an overview of the different on-chip components and
of the advanced, high bandwidth internal bus structure of the C161K/O.
Note: All time specifications refer to a CPU clock of 25 MHz
(see definition in the AC Characteristics section).
Figure 3
Block Diagram
The program memory, the internal RAM (IRAM) and the set of generic peripherals are
connected to the CPU via separate buses. A fourth bus, the XBUS, connects external
resources as well as additional on-chip resources, the X-Peripherals (see Figure 3).
C166-Core
MCB04323_1ko
CPU
Interrupt Bus
XTAL
Osc
WDT
32
16
Interrupt Controller
16-Level
Priority
PEC
External Instr. / Data
GPT1
T2
T3
T4
SSC
BRGen
(SPI)
ASC0
BRGen
(USART)
EBC
XBUS Control
External Bus
Control
IRAM
Internal
RAM
1/2 Kbyte
ProgMem
Internal
ROM
Area
Data
Data
16
16
16
Port 0
8
8
Port 1
16
6
16
Port 5
Port 3
15
8
16
Instr. / Data
Peripheral Data Bus
GPT2
T5
T6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com