Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SR1
Description  Integrated test mode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SR1 Datasheet HTML 3Page - STMicroelectronics SR1 Datasheet HTML 4Page - STMicroelectronics SR1 Datasheet HTML 5Page - STMicroelectronics SR1 Datasheet HTML 6Page - STMicroelectronics SR1 Datasheet HTML 7Page - STMicroelectronics SR1 Datasheet HTML 8Page - STMicroelectronics SR1 Datasheet HTML 9Page - STMicroelectronics SR1 Datasheet HTML 10Page - STMicroelectronics SR1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID026048 Rev 2
7/21
SR1
Typical application diagrams
21
4
Typical application diagrams
Figure 4. Typical application diagram - input, output and SR1 device in one voltage
domain
Figure 5. Typical application diagram - SR1 device in a different voltage domain than
input and output
1.
Open-drain RST output type and fixed SR input logic threshold allows to use the device in different voltage
domains. To prevent entering test mode by creating a condition V(SR) > VCC + 1.1 V typ., VCC should be
powered up before or together with voltage on the SR input.
SR1
AM07466v1
RST
VSS
SR
SR1
VCC
VCC
VSS
VDD
RESET
INT/ NMI
PUSH - BUTTON
SWITCH
MCU
VDD
AM07466v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com