Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1L08SPUR Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST1L08SPUR
Description  800 mA ultra low drop, high PSRR voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L08SPUR Datasheet(HTML) 4 Page - STMicroelectronics

  ST1L08SPUR Datasheet HTML 1Page - STMicroelectronics ST1L08SPUR Datasheet HTML 2Page - STMicroelectronics ST1L08SPUR Datasheet HTML 3Page - STMicroelectronics ST1L08SPUR Datasheet HTML 4Page - STMicroelectronics ST1L08SPUR Datasheet HTML 5Page - STMicroelectronics ST1L08SPUR Datasheet HTML 6Page - STMicroelectronics ST1L08SPUR Datasheet HTML 7Page - STMicroelectronics ST1L08SPUR Datasheet HTML 8Page - STMicroelectronics ST1L08SPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Pin configuration
ST1L08
4/21
DocID026624 Rev 2
2
Pin configuration
Figure 2: Pin connection (top view)
Table 2: Pin description
Symbol
Function
VIN
Input voltage of the LDO (power element)
VBIAS
Bias input of the LDO
GND
Common ground
EN
Enable pin logic input: low = shutdown, high = active
ADJ
Adjustable pin (on adjustable version)
VOUT
Output voltage of the LDO
PG
Power Good pin (not connected on the ST1L08PUR)
NC
Not connected
EXP
Exposed pad (should be connected to GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com