Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR1-LBAU Datasheet(PDF) 6 Page - STMicroelectronics

Part # SR1-LBAU
Description  Integrated test mode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR1-LBAU Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SR1-LBAU Datasheet HTML 2Page - STMicroelectronics SR1-LBAU Datasheet HTML 3Page - STMicroelectronics SR1-LBAU Datasheet HTML 4Page - STMicroelectronics SR1-LBAU Datasheet HTML 5Page - STMicroelectronics SR1-LBAU Datasheet HTML 6Page - STMicroelectronics SR1-LBAU Datasheet HTML 7Page - STMicroelectronics SR1-LBAU Datasheet HTML 8Page - STMicroelectronics SR1-LBAU Datasheet HTML 9Page - STMicroelectronics SR1-LBAU Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Pin descriptions
SR1
6/21
DocID026048 Rev 2
3
Pin descriptions
3.1
Power supply (VCC)
This pin is used to provide power to the Smart Reset device. A 0.1 µF ceramic decoupling
capacitor is recommended to be connected between the VCC and VSS pins, as close to the
SR1 device as possible.
3.2
Power-up sequence
In normal mode, if different input side (SR) and VCC voltage domains are used, power-on
sequence must avoid meeting the test mode entry condition to avoid inadvertent test mode
entry: there should not be logic high present on the SR input before the VCC power-up.
However VCC and V(SR) rising at the same time is OK (e.g. if both are in the same voltage
domain), the device will then safely start into normal operating mode, with RST output
inactive (in High-Z mode for open-drain option).
3.3
Ground (VSS)
This is the ground pin for the device.
3.4
Smart Reset input (SR)
Push-button Smart Reset input, active low with optional pull-up resistor. SR input needs to
be asserted for at least tSRC to assert the reset output (RST).
By connecting a voltage higher than VCC + 1.4 V to the SR input the device enters test mode
(see Section 1: Description on page 3 for more information).
3.5
Reset output (RST)
RST is active low or active high, open drain or push-pull reset output with optional internal
pull-up resistor.
Output reset pulse width is optional as follows:
Neither fixed nor minimum output reset pulse duration (releasing the push-button while
reset output is active, causes the output to de-assert)
Fixed, factory-programmed output reset pulse duration for tREC independent on Smart
Reset input state.
3.6
RST output undervoltage behavior (for open-drain option)
High-Z on RST output below the specified operating voltage range is guaranteed at VCC
power-on or in case that valid VCC dropped while the device was idle, i.e. while both output
and input were inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com