Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K-PC6C5 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST25TA02K-PC6C5
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-PC6C5 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST25TA02K-PC6C5 Datasheet HTML 45Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 46Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 47Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 48Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 49Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 50Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 51Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 52Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
DocID027794 Rev 2
49/64
ST25TA02K-P
RF command sets
58
The FSCI codes the FSC which stands for the maximum frame size that the ST25TA02K-P
is able to receive. The ST25TA02K-P is able to receive up to 64 bytes of command. If the
RF host sends a command with more than 64 bytes, the ST25TA02K-P will not be able to
treat the command and will not reply.
The FWI which stands for the Frame Waiting time Integer codes the FWT. This time
corresponds to the maximum duration while an RF host shall send before sending the next
command.
The SFGI which stands for the Start-up Frame Guard Time is the minimum time that the
reader shall wait after receiving the response of the ST25TA02K-P.
5.9.3
PPS command & response(b)
PPS (Protocol and Parameter Selection) command and response are defined in ISO/IEC
14443-4, in the Protocol Activation of PICC Type A.
The PPS command allows to change the data rates of the ascending (RF host to
ST25TA02K-P) and descending (ST25TA02K-P to RF host) data rates. Usage of this
command is optional, ST25TA02K-P only supports 106 Kb/s in both direction.
Table 51. ATS response
Name
TL
T0
TA(1)
TB(1)
TC(1)
CRC
Byte field
0x05
0x75
0x80
0x60
0x02
2 bytes
Bit field
-
-
-
b8-b5
b4-b1
-
-
Length of the ATS
response
FSCI = 5 => FSC = 64 bytes
The maximum ascending data rate is 106 kbps
The maximum descending data rate is 106 kbps
FWI field (FWI = 6 => FWT = 19.2 ms)
SFGI field (SFGI = 0 => SFGT =302 µs)
The DID is supported
2 CRC bytes
b. Not useful in case of ST25TA02K-P which only support a Data Rate of 106 Kb/s in both direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com