Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR1-LARU Datasheet(PDF) 5 Page - STMicroelectronics

Part # SR1-LARU
Description  Integrated test mode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR1-LARU Datasheet(HTML) 5 Page - STMicroelectronics

  SR1-LARU Datasheet HTML 1Page - STMicroelectronics SR1-LARU Datasheet HTML 2Page - STMicroelectronics SR1-LARU Datasheet HTML 3Page - STMicroelectronics SR1-LARU Datasheet HTML 4Page - STMicroelectronics SR1-LARU Datasheet HTML 5Page - STMicroelectronics SR1-LARU Datasheet HTML 6Page - STMicroelectronics SR1-LARU Datasheet HTML 7Page - STMicroelectronics SR1-LARU Datasheet HTML 8Page - STMicroelectronics SR1-LARU Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID026048 Rev 2
5/21
SR1
Device overview
21
2
Device overview
Figure 3. SR1 block diagram
Table 1. Signal names
Pin n°
Name
Type
Description
1RST
Output
Reset output, active low, open drain.
2VSS
Supply ground
Ground
3SR
Input
Smart Reset input, active low.
4VCC
Supply voltage
Positive supply voltage for the device. A 0.1 µF decoupling
ceramic capacitor is recommended to be connected between
VCC and VSS pins.
5
NC
-
Not connected (not bonded); should be connected to VSS.
6
NC
-
Not connected (not bonded); should be connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com