Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB7ANM60N Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB7ANM60N
Description  Low input capacitance and gate charge
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7ANM60N Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB7ANM60N Datasheet HTML 9Page - STMicroelectronics STB7ANM60N Datasheet HTML 10Page - STMicroelectronics STB7ANM60N Datasheet HTML 11Page - STMicroelectronics STB7ANM60N Datasheet HTML 12Page - STMicroelectronics STB7ANM60N Datasheet HTML 13Page - STMicroelectronics STB7ANM60N Datasheet HTML 14Page - STMicroelectronics STB7ANM60N Datasheet HTML 15Page - STMicroelectronics STB7ANM60N Datasheet HTML 16Page - STMicroelectronics STB7ANM60N Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DocID023350 Rev 2
13/20
STB7ANM60N, STD7ANM60N
Package mechanical data
20
Table 10. DPAK (TO-252) type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1.00
1.50
(L1)
2.80
L2
0.80
L4
0.60
1.00
R0.20
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com