Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP112 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STBP112
Description  Overvoltage protection device
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP112 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STBP112 Datasheet HTML 30Page - STMicroelectronics STBP112 Datasheet HTML 31Page - STMicroelectronics STBP112 Datasheet HTML 32Page - STMicroelectronics STBP112 Datasheet HTML 33Page - STMicroelectronics STBP112 Datasheet HTML 34Page - STMicroelectronics STBP112 Datasheet HTML 35Page - STMicroelectronics STBP112 Datasheet HTML 36Page - STMicroelectronics STBP112 Datasheet HTML 37Page - STMicroelectronics STBP112 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Package marking information
STBP112
36/38
Doc ID 023357 Rev 3
12
Package marking information
Table 11.
Marking description
Part number(1), (2)
Overvoltage threshold (V)
Undervoltage threshold (V)
Topside marking
STBP112ATxxxx
5.375
2.70
12A
STBP112BTxxxx
5.50
2.70
12B
STBP112CTxxxx
5.90
2.70
12C
STBP112DTxxxx
6.02
2.70
12D
STBP112ETxxxx
6.40
2.70
12E
STBP112FTxxxx
6.80
2.70
12F
STBP112GTxxxx
7.20
2.70
12H
STBP112AUxxxx
5.375
3.00
12K
STBP112BUxxxx
5.50
3.00
12L
STBP112CUxxxx
5.90
3.00
12M
STBP112DUxxxx
6.02
3.00
12N
STBP112EUxxxx
6.40
3.00
12P
STBP112FUxxxx
6.80
3.00
12Q
STBP112GUxxxx
7.20
3.00
12R
STBP112AVxxxx
5.375
3.25
12T
STBP112BVxxxx
5.50
3.25
12U
STBP112CVxxxx
5.90
3.25
12V
STBP112DVxxxx
6.02
3.25
12W
STBP112EVxxxx
6.40
3.25
12X
STBP112FVxxxx
6.80
3.25
12Y
STBP112GVxxxx
7.20
3.25
12Z
1.
Please check device version availability on www.st.com. Please contact local ST sales office for new device version
request.
2.
Currently available part numbers are marked bold in Table 11. For other options, or for more information on any aspect of
this device, please contact the nearest ST sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com