Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C164CI Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 3 Page - Infineon Technologies AG

  C164CI Datasheet HTML 1Page - Infineon Technologies AG C164CI Datasheet HTML 2Page - Infineon Technologies AG C164CI Datasheet HTML 3Page - Infineon Technologies AG C164CI Datasheet HTML 4Page - Infineon Technologies AG C164CI Datasheet HTML 5Page - Infineon Technologies AG C164CI Datasheet HTML 6Page - Infineon Technologies AG C164CI Datasheet HTML 7Page - Infineon Technologies AG C164CI Datasheet HTML 8Page - Infineon Technologies AG C164CI Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
q
High Performance 16-bit CPU with 4-Stage Pipeline
q
100 ns Instruction Cycle Time at 20 MHz CPU Clock
q
500 ns Multiplication (16
× 16 bit), 1 µs Division (32/16 bit)
q
Enhanced Boolean Bit Manipulation Facilities
q
Additional Instructions to Support HLL and Operating Systems
q
Register-Based Design with Multiple Variable Register Banks
q
Single-Cycle Context Switching Support
q
Clock Generation via On-Chip PLL or via Direct or Prescaled Clock Input
q
Up to 4 MBytes Linear Address Space for Code and Data
q
2 KByte On-Chip Internal RAM (IRAM)
q
64 KByte On-Chip OTP (C164CI-8EM) or ROM (C164CI-8RM)
q
Programmable External Bus Characteristics for Different Address Ranges
q
8-Bit or 16-Bit External Data Bus
q
Multiplexed External Address/Data Bus
q
Four optional Chip Select Signals CS0 - CS3
q
1024 Bytes On-Chip Special Function Register Area
q
Idle and Power Down Modes with Flexible Power Management
q
8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via Peripheral Event
Controller (PEC)
q
16-Priority-Level Interrupt System with 32 Interrupt sources
q
8-Channel 10-bit A/D Converter with 9.7
µs Conversion Time (8.2 µs min.)
q
8-Channel 16-bit General Purpose Capture/Compare Unit (CAPCOM2)
q
Capture/Compare Unit for flexible PWM Signal Generation (CAPCOM6)
(3/6 Capture/Compare Channels and 1 Compare Channel)
q
Two Serial Channels (Synchronous/Asynchronous and High-Speed Synchronous)
q
Multi-Functional General Purpose Timer Unit with three 16-bit Timers
q
On-Chip Full-CAN Interface (V2.0B active) with 15 Message Objects and Basic CAN Feature
q
Up to 59 General Purpose I/O Lines
q
Programmable Watchdog Timer and Oscillator Watchdog
q
On-Chip Real Time Clock
q
Ambient temperature range -40 to 125 °C
q
Supported by a Large Range of Development Tools like C-Compilers, Macro-Assembler
Packages, Emulators, Evaluation Boards, HLL-Debuggers, Simulators, Logic Analyzer
Disassemblers, Programming Boards
q
On-Chip Bootstrap Loader
q
80-Pin MQFP Package, 0.65 mm pitch
This document describes the SAF-C164CI-8EM and the SAK-C164CI-8EM.
For simplicity all versions are referred to by the term C164CI throughout this document.
C16x-Family of
High-Performance CMOS 16-Bit Microcontrollers
Preliminary
C164CI
16-Bit Microcontroller
C164CI
Semiconductor Group
3
1998-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com