Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD80N6F6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STD80N6F6
Description  Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET™VI DeepGATE™Power MOSFET in a DPAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD80N6F6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STD80N6F6 Datasheet HTML 7Page - STMicroelectronics STD80N6F6 Datasheet HTML 8Page - STMicroelectronics STD80N6F6 Datasheet HTML 9Page - STMicroelectronics STD80N6F6 Datasheet HTML 10Page - STMicroelectronics STD80N6F6 Datasheet HTML 11Page - STMicroelectronics STD80N6F6 Datasheet HTML 12Page - STMicroelectronics STD80N6F6 Datasheet HTML 13Page - STMicroelectronics STD80N6F6 Datasheet HTML 14Page - STMicroelectronics STD80N6F6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
STD80N6F6
14/15
DocID023471 Rev 2
5
Revision history
Table 10. Document revision history
Date
Revision
Changes
08-Aug-2012
1
Initial release.
17-Jan-2014
2
– Document status promoted from preliminary to production data
– Modified: title
– Modified:
Features
– Added: note
1 in cover page
– Modified: R
DS(on)max
and I
D
values in cover page
– Modified: Derating factor value in
Table 2
– Modified: R
DS(on)
values in
Table 4
– Modified: I
D
and the entire typical values in
Table 5, 6 and 7
– Added:
Section 2.1: Electrical characteristics (curves)
– Updated:
Section 3: Package mechanical data
– Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com