Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F10 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F10
Description  Triple 3-Input NAND Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F10 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F10 Datasheet HTML 1Page - National Semiconductor (TI) 74F10 Datasheet HTML 2Page - National Semiconductor (TI) 74F10 Datasheet HTML 3Page - National Semiconductor (TI) 74F10 Datasheet HTML 4Page - National Semiconductor (TI) 74F10 Datasheet HTML 5Page - National Semiconductor (TI) 74F10 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF9458
December 1994
54F74F10
Triple 3-Input NAND Gate
General Description
This device contains three independent gates each of
which performs the logic NAND function
Commercial
Military
Package
Package Description
Number
74F10PC
N14A
14-Lead (0300 Wide) Molded Dual-In-Line
54F10DM (Note 2)
J14A
14-Lead Ceramic Dual-In-Line
74F10SC (Note 1)
M14A
14-Lead (0150 Wide) Molded Small Outline JEDEC
74F10SJ (Note 1)
M14D
14-Lead (0300 Wide) Molded Small Outline EIAJ
54F10FM (Note 2)
W14B
14-Lead Cerpack
54F10LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbol
IEEEIEC
TLF9458 – 3
Connection Diagrams
Pin Assignment for
DIP SOIC and Flatpak
TLF9458 – 2
Pin Assignment
for LCC
TLF9458 – 1
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
An Bn Cn
Inputs
1010
20 mA b06 mA
On
Outputs
50333
b
1 mA20 mA
FAST
and TRI-STATE
are registered trademarks of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
Triple 3-input NAND gate
1989 Sep 20
logo
Fairchild Semiconductor
74F10 FAIRCHILD-74F10 Datasheet
48Kb / 4P
Triple 3-Input NAND Gate
74F10 FAIRCHILD-74F10 Datasheet
64Kb / 5P
Triple 3-Input NAND Gate
logo
Bourns Electronic Solut...
74F104AI-RC BOURNS-74F104AI-RC Datasheet
429Kb / 1P
High Q, high self-resonant frequency Varnish coated
logo
Fairchild Semiconductor
74F1056 FAIRCHILD-74F1056 Datasheet
35Kb / 4P
8-Bit Schottky Barrier Diode Array
More results

Similar Description - 74F10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
Triple 3-input NAND gate
1989 Sep 20
HEF4023B PHILIPS-HEF4023B Datasheet
25Kb / 3P
Triple 3-input NAND gate
January 1995
logo
STMicroelectronics
M54HC10 STMICROELECTRONICS-M54HC10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Dec-1992
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
Triple 3-Input NAND Gate
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
TRIPLE 3-INPUT NAND GATE
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
Triple 3-input NAND gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com