Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDKZ1G0200 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKZ1G0200
Description  Rotary type power switch with encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKZ1G0200 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SDKZ1G0200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKZ1G0200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDKZ1G0200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SDKZ1G0200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SDKZ1G0200 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
159
159
Type
Rocker
Slide
Rotary
Series
SDDJF1A
SDKP
SDKZ
SDDE
Photo
Rating
8A / 128A 250V〜
10 (6) / 250〜
5RA 250V AC
PS: 16(6)A 250V AC
14(6)A 250V AC
AC Switch: 1A / 16A 250V 〜
DC Switch: 20mA 12V DC
DC: 0.1A 12V DC
Encoders: 0.1A 12V DC
Operating life
10,000cycles
100cycles
10,000cycles(Power)
AC Switch: 10,000 cycles
DC Switch: 10,000 cycles
30,000cycles(Encoder)
10A 250V AC
Without load
16A 250V AC(Power)
0.1A 12V DC(Encoder)
Encoder 
30,000 cycles
Travel(mm)
4.6
6
Endless
Push Switches: 1.85mm
Encoders: 360°(360°Rotation)
Features
—
—
With Encoders circuit
AC Switch, DC Switch,
With Encoder
Operating temperature range
−10℃ to +55℃
−10℃ to +60℃
−10℃ to +70℃
0℃ to +85℃
Automotive use
○
—
—
—
Life cycle (availability)
Electrical
performance
Contact
resistance
100mΩ max.
100mΩ max.(Power)
AC Switch: 100mΩ max.
DC Switch: 500mΩ max.
Encoder: 1Ω max.
1Ω max.(Encoder)
Insulation
resistance
500MΩ min. 500V DC
500MΩ min. 500V DC
(Power)
AC Switch: 100MΩ min. 500V DC
DC Switch: 100MΩ min. 100V DC
Encoder: 100MΩ min. 100V DC
100MΩ min. 100V DC
(Encoder)
Voltage proof
2,000V AC for 1minute
2,000V AC for 1minute
(Power)
AC Switch: 2,000V AC for 1 minute
DC Switch: 100V AC for 1 minute
Encoder: 100V AC for 1 minute
100V AC for 1minute
(Encoder)
Mechanical
performance
Terminal strength
50N for 1minute
10N for 1minute
20N(Power)
AC Switch: 5N for 1 minute
DC Switch: 5N for 30s
Encoder: 5N for 1 minute
5N(Encoder)
Actuator
strength
Operating
direction
25N
50N
Encoder: 100V
100N
Perpendicular
direction
25N
50N
30N
30N
(Retract direction)
Environmental
performance
Cold
−20℃ 96h
−40℃ 240h
Dry heat
85℃ 96h
85℃ 240h
Damp heat
40℃, 90 to 95%RH 96h
40℃, 90 to 95%RH 240h
Page
170
171
172
175
Power Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 176
Power Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 176
Power Switches Safety Standard ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 176
Note
○ Indicates applicability to some products in the series.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com