Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161K Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # SAFC161K
Description  16-Bit Single-Chip Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161K Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button SAFC161K Datasheet HTML 34Page - Infineon Technologies AG SAFC161K Datasheet HTML 35Page - Infineon Technologies AG SAFC161K Datasheet HTML 36Page - Infineon Technologies AG SAFC161K Datasheet HTML 37Page - Infineon Technologies AG SAFC161K Datasheet HTML 38Page - Infineon Technologies AG SAFC161K Datasheet HTML 39Page - Infineon Technologies AG SAFC161K Datasheet HTML 40Page - Infineon Technologies AG SAFC161K Datasheet HTML 41Page - Infineon Technologies AG SAFC161K Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
C161K
C161O
Data Sheet
34
V2.0, 2001-01
Power Consumption C161K/O (Standard Supply Voltage Range)
(Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Power supply current (active)
with all peripherals active
IDD5
–
15 +
1.8
× f
CPU
mA
RSTIN =
VIL
fCPU in [MHz]
1)
Idle mode supply current
with all peripherals active
IIDX5
–
2 +
0.4
× f
CPU
mA
RSTIN =
VIH1
fCPU in [MHz]
1)
Power-down mode supply
current
IPDO5
–
50
µA
VDD = VDDmax
2)
1) The supply current is a function of the operating frequency. This dependency is illustrated in Figure 7.
These parameters are tested at
VDDmax and maximum CPU clock with all outputs disconnected and all inputs
at
VIL or VIH.
2) This parameter is tested including leakage currents. All inputs (including pins configured as inputs) at 0 V to
0.1 V or at
VDD - 0.1 V to VDD, all outputs (including pins configured as outputs) disconnected.
Power Consumption C161K/O (Reduced Supply Voltage Range)
(Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Power supply current (active)
with all peripherals active
IDD3
–
3 +
1.3
× f
CPU
mA
RSTIN =
VIL
fCPU in [MHz]
1)
1) The supply current is a function of the operating frequency. This dependency is illustrated in Figure 7.
These parameters are tested at
VDDmax and maximum CPU clock with all outputs disconnected and all inputs
at
VIL or VIH.
Idle mode supply current
with all peripherals active
IIDX3
–
1 +
0.4
× f
CPU
mA
RSTIN =
VIH1
fCPU in [MHz]
1)
Power-down mode supply
current
IPDO3
–
30
µA
VDD = VDDmax
2)
2) This parameter is tested including leakage currents. All inputs (including pins configured as inputs) at 0 V to
0.1 V or at
VDD - 0.1 V to VDD, all outputs (including pins configured as outputs) disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com