Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB322I Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB322I
Description  Configuration Channel Logic and Port Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB322I Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 12Page - Texas Instruments TUSB322I Datasheet HTML 13Page - Texas Instruments TUSB322I Datasheet HTML 14Page - Texas Instruments TUSB322I Datasheet HTML 15Page - Texas Instruments TUSB322I Datasheet HTML 16Page - Texas Instruments TUSB322I Datasheet HTML 17Page - Texas Instruments TUSB322I Datasheet HTML 18Page - Texas Instruments TUSB322I Datasheet HTML 19Page - Texas Instruments TUSB322I Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
TUSB322I
SLLSEO5 – OCTOBER 2015
www.ti.com
7.5 Programming
For further programmability, the TUSB322I device can be controlled using I2C. The TUSB322I device local I2C
interface is available for reading/writing after TI2C_EN when the device is powered up. The SCL and SDA terminals
are used for I2C clock and I2C data respectively. If I2C is the preferred method of control, the ADDR pin must be
set accordingly.
Table 7. TUSB322I I2C Addresses
TUSB322I I2C Target Address
ADDR pin
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (W/R)
H
1
1
0
0
1
1
1
0/1
L
1
0
0
0
1
1
1
0/1
The following procedure should be followed to write to TUSB322I I2C registers:
1. The master initiates a write operation by generating a start condition (S), followed by the TUSB322I 7-bit
address and a zero-value R/W bit to indicate a write cycle
2. The TUSB322I device acknowledges the address cycle
3. The master presents the sub-address (I2C register within the TUSB322I device) to be written, consisting of
one byte of data, MSB-first
4. The TUSB322I device acknowledges the sub-address cycle
5. The master presents the first byte of data to be written to the I2C register
6. The TUSB322I device acknowledges the byte transfer
7. The master can continue presenting additional bytes of data to be written, with each byte transfer completing
with an acknowledge from the TUSB322I device
8. The master terminates the write operation by generating a stop condition (P)
The following procedure should be followed to read the TUSB322I I2C registers:
1. The master initiates a read operation by generating a start condition (S), followed by the TUSB322I 7-bit
address and a one-value R/W bit to indicate a read cycle
2. The TUSB322I device acknowledges the address cycle
3. The TUSB322I device transmits the contents of the memory registers MSB-first starting at register 00h or last
read sub-address+1. If a write to the T I2C register occurred prior to the read, then the TUSB322I device
starts at the sub-address specified in the write.
4. The TUSB322I device waits for either an acknowledge (ACK) or a not-acknowledge (NACK) from the master
after each byte transfer; the I2C master acknowledges reception of each data byte transfer
5. If an ACK is received, the TUSB322I device transmits the next byte of data
6. The master terminates the read operation by generating a stop condition (P)
The following procedure should be followed for setting a starting sub-address for I2C reads:
1. The master initiates a write operation by generating a start condition (S), followed by the TUSB322I 7-bit
address and a zero-value R/W bit to indicate a read cycle
2. The TUSB322I device acknowledges the address cycle
3. The master presents the sub-address (I2C register within the TUSB322I device) to be read, consisting of one
byte of data, MSB-first
4. The TUSB322I device acknowledges the sub-address cycle
5. The master terminates the read operation by generating a stop condition (P)
NOTE
If no sub-addressing is included for the read procedure, then the reads start at register
offset 00h and continue byte-by-byte through the registers until the I2C master terminates
the read operation. If a I2C address write occurred prior to the read, then the reads start at
the sub-address specified by the address write.
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com