Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F138LM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F138LM
Description  1-of-8 Decoder/Demultiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F138LM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54F138LM Datasheet HTML 1Page - National Semiconductor (TI) 54F138LM Datasheet HTML 2Page - National Semiconductor (TI) 54F138LM Datasheet HTML 3Page - National Semiconductor (TI) 54F138LM Datasheet HTML 4Page - National Semiconductor (TI) 54F138LM Datasheet HTML 5Page - National Semiconductor (TI) 54F138LM Datasheet HTML 6Page - National Semiconductor (TI) 54F138LM Datasheet HTML 7Page - National Semiconductor (TI) 54F138LM Datasheet HTML 8Page - National Semiconductor (TI) 54F138LM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF9478
November 1994
54F74F138
1-of-8 DecoderDemultiplexer
General Description
The ’F138 is a high-speed 1-of-8 decoderdemultiplexer
This device is ideally suited for high-speed bipolar memory
chip select address decoding The multiple input enables
allow parallel expansion to a 1-of-24 decoder using just
three ’F138 devices or a 1-of-32 decoder using four ’F138
devices and one inverter
Features
Y
Demultiplexing capability
Y
Multiple input enable for easy expansion
Y
Active LOW mutually exclusive outputs
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F138PC
N16E
16-Lead (0300 Wide) Molded Dual-In-Line
54F138DM (Note 2)
J16A
16-Lead Ceramic Dual-In-Line
74F138SC (Note 1)
M16A
16-Lead (0150 Wide) Molded Small Outline JEDEC
74F138SJ (Note 1)
M16D
16-Lead (0300 Wide) Molded Small Outline EIAJ
54F138FM (Note 2)
W16A
16-Lead Cerpack
54F138LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
TLF9478 – 3
IEEEIEC
TLF9478 – 6
Connection Diagrams
Pin Assignment for DIP
SOIC and Flatpak
TLF9478 – 1
Pin Assignment
for LCC
TLF9478 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 54F138LM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
Quad 2-Input NAND Schmitt Trigger
logo
National Semiconductor ...
54F132DM NSC-54F132DM Datasheet
109Kb / 8P
Quad 2-Input NAND Schmitt Trigger
54F132FM NSC-54F132FM Datasheet
109Kb / 8P
Quad 2-Input NAND Schmitt Trigger
54F132LM NSC-54F132LM Datasheet
109Kb / 8P
Quad 2-Input NAND Schmitt Trigger
54F139 NSC-54F139 Datasheet
166Kb / 8P
Dual 1-of-4 Decoder/Demultiplexer
More results

Similar Description - 54F138LM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
1-OF-8 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54FCT138 NSC-54FCT138 Datasheet
174Kb / 7P
1-of-8 Decoder/Demultiplexer
logo
NXP Semiconductors
74ALS138 PHILIPS-74ALS138 Datasheet
76Kb / 8P
1-of-8 decoder/demultiplexer
1996 Jul 03
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
1-of-8 Decoder/Demultiplexer
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74ACT138 INTEGRAL-IN74ACT138 Datasheet
161Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
MC74HC138A ONSEMI-MC74HC138A_12 Datasheet
142Kb / 10P
1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
1-of-8 Decoder/Demultiplexer
Revised July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com