Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F153PC Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F153PC
Description  Dual 4-Input Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F153PC Datasheet(HTML) 5 Page - National Semiconductor (TI)

  74F153PC Datasheet HTML 1Page - National Semiconductor (TI) 74F153PC Datasheet HTML 2Page - National Semiconductor (TI) 74F153PC Datasheet HTML 3Page - National Semiconductor (TI) 74F153PC Datasheet HTML 4Page - National Semiconductor (TI) 74F153PC Datasheet HTML 5Page - National Semiconductor (TI) 74F153PC Datasheet HTML 6Page - National Semiconductor (TI) 74F153PC Datasheet HTML 7Page - National Semiconductor (TI) 74F153PC Datasheet HTML 8Page - National Semiconductor (TI) 74F153PC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
45
81
105
45
140
45
120
ns
tPHL
Sn to Zn
35
70
90
35
110
35
105
tPLH
Propagation Delay
45
71
90
45
115
45
105
ns
tPHL
En to Zn
30
57
70
25
90
25
80
tPLH
Propagation Delay
30
53
70
25
90
30
80
ns
tPHL
In to Zn
25
51
65
25
80
25
75
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
153
S
C
X
Temperature Range Family
Special Variations
74Fe Commercial
QB e Military grade device with
54Fe Military
environmental and burn-in
processing
Device Type
X e Devices shipped in 13 reel
Package Code
Temperature Range
P e Plastic DIP
Ce Commercial (0 Cto a70 C)
D e Ceramic DIP
Me Military (b55 Cto a125 C)
F e Flatpak
L e Leadless Chip Carrier (LCC)
S e Small Outline SOIC JEDEC
SJ e Small Outline SOIC EIAJ
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com