Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFY25 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # CFY25
Description  HiRel X-Band GaAs Low Noise / General Purpose MESFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFY25 Datasheet(HTML) 2 Page - Infineon Technologies AG

  CFY25 Datasheet HTML 1Page - Infineon Technologies AG CFY25 Datasheet HTML 2Page - Infineon Technologies AG CFY25 Datasheet HTML 3Page - Infineon Technologies AG CFY25 Datasheet HTML 4Page - Infineon Technologies AG CFY25 Datasheet HTML 5Page - Infineon Technologies AG CFY25 Datasheet HTML 6Page - Infineon Technologies AG CFY25 Datasheet HTML 7Page - Infineon Technologies AG CFY25 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CFY25
Semiconductor Group
2 of 8
Draft D, Sep. 0000
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain-source voltage
VDS
5
V
Drain-gate voltage
VDG
7
V
Gate-source voltage (reverse / forward)
VGS
- 5... + 0.5
V
Drain current
ID
80
mA
Gate forward current
IG
1.5
mA
RF Input Power, C- and X-Band
1)
PRF,in
+ 17
dBm
Junction temperature
TJ
175
°C
Storage temperature range
Tstg
- 65... + 175
°C
Total power dissipation
2)
Ptot
250
mW
Soldering temperature
3)
Tsol
230
°C
Thermal Resistance
Junction-soldering point
Rth JS
≤ 410
K/W
Notes.:
1) For VDS
≤ 3 V. For V
DS > 3 V, derating is required.
2) At TS = + 72.5 °C. For TS > + 72.5 °C derating is required.
3) During 15 sec. maximum. The same terminal shall not be resoldered until 3 minutes have
elapsed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com