Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F153SC Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F153SC
Description  Dual 4-Input Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F153SC Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F153SC Datasheet HTML 1Page - National Semiconductor (TI) 74F153SC Datasheet HTML 2Page - National Semiconductor (TI) 74F153SC Datasheet HTML 3Page - National Semiconductor (TI) 74F153SC Datasheet HTML 4Page - National Semiconductor (TI) 74F153SC Datasheet HTML 5Page - National Semiconductor (TI) 74F153SC Datasheet HTML 6Page - National Semiconductor (TI) 74F153SC Datasheet HTML 7Page - National Semiconductor (TI) 74F153SC Datasheet HTML 8Page - National Semiconductor (TI) 74F153SC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
I0a–I3a
Side A Data Inputs
1010
20 mA b06 mA
I0b–I3b
Side B Data Inputs
1010
20 mA b06 mA
S0 S1
Common Select Inputs
1010
20 mA b06 mA
Ea
Side A Enable Input (Active LOW)
1010
20 mA b06 mA
Eb
Side B Enable Input (Active LOW)
1010
20 mA b06 mA
Za
Side A Output
50333
b
1 mA20 mA
Zb
Side B Output
50333
b
1 mA20 mA
Functional Description
The ’F153 is a dual 4-input multiplexer It can select two bits
of data from up to four sources under the control of the
common Select inputs (S0 S1) The two 4-input multiplexer
circuits have individual active LOW Enables (Ea Eb) which
can be used to strobe the outputs independently When the
Enables (Ea Eb) are HIGH the corresponding outputs (Za
Zb) are forced LOW The ’F153 is the logic implementation
of a 2-pole 4-position switch where the position of the
switch is determined by the logic levels supplied to the two
Select inputs The logic equations for the outputs are as
follows
Za e Ea(I0aS1S0 a I1aS1S0 a
I2aS1S0 a I3aS1S0)
Zb e Eb(I0bS1S0 a I1bS1S0 a
I2bS1S0 a I3bS1S0)
The ’F153 can be used to move data from a group of regis-
ters to a common output bus The particular register from
which the data came would be determined by the state of
the Select inputs A less obvious application is as a function
generator The ’F153 can generate two functions of three
variables This is useful for implementing highly irregular
random logic
Truth Table
Select
Inputs (a or b)
Output
Inputs
S0
S1
E
I0
I1
I2
I3
Z
XX
H
X
X
X
X
L
LL
L
L
X
X
X
L
LL
L
H
X
X
X
H
HL
L
X
L
X
X
L
HL
L
X
H
X
X
H
LH
L
X
X
L
X
L
LH
L
X
X
H
X
H
HH
L
X
X
X
L
L
HH
L
X
X
X
H
H
H e HIGH Voltage Level
L e LOW
X e Immaterial
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com