Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLX30 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # CLX30
Description  HiRel X-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLX30 Datasheet(HTML) 2 Page - Infineon Technologies AG

  CLX30 Datasheet HTML 1Page - Infineon Technologies AG CLX30 Datasheet HTML 2Page - Infineon Technologies AG CLX30 Datasheet HTML 3Page - Infineon Technologies AG CLX30 Datasheet HTML 4Page - Infineon Technologies AG CLX30 Datasheet HTML 5Page - Infineon Technologies AG CLX30 Datasheet HTML 6Page - Infineon Technologies AG CLX30 Datasheet HTML 7Page - Infineon Technologies AG CLX30 Datasheet HTML 8Page - Infineon Technologies AG CLX30 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CLX30
Semiconductor Group
2 of 10
Draft D, September 99
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain-source voltage
VDS
11
V
Drain-gate voltage
VDG
13
V
Gate-source voltage
VGS
- 6
V
Drain current
ID
840
mA
Gate forward current
IG
10
mA
Compression Level
Operation Range 1
1)
PC
1.5 at VDS
≤ 8 V
2.5 at VDS
≤ 7 V
3.5 at VDS
≤ 6 V
dB
Compression Level
Operation Range 2
2)
PC
3.5 at VDS
≤ 6 V
dB
Compression Level
Operation Range 3
3)
PC
tbd.
dB
Junction temperature
TJ
175
°C
Storage temperature range
Tstg
- 65...+ 175
°C
Total power dissipation
4)
Ptot
5.4
W
Soldering temperature
5)
Tsol
230
°C
Thermal Resistance
Junction-soldering point
Rth JS
≤ 25
K/W
Notes.:
1) Operation Range 1: 160 mA
≤ ID ≤ 320 mA
2) Operation Range 2: ID > 320 mA
3) Operation Range 3: ID < 160 mA
4) At TS = + 40 °C. For TS > + 40 °C derating is required.
5) During 15 sec. maximum. The same terminal shall not be resoldered until 3 minutes have
elapsed.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com