Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI360N4F6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STI360N4F6
Description  N-channel 40 V, 120 A STripFET™ VI DeepGATE™ Power MOSFET in I²PAK and TO-220 packages
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI360N4F6 Datasheet(HTML) 3 Page - STMicroelectronics

  STI360N4F6 Datasheet HTML 1Page - STMicroelectronics STI360N4F6 Datasheet HTML 2Page - STMicroelectronics STI360N4F6 Datasheet HTML 3Page - STMicroelectronics STI360N4F6 Datasheet HTML 4Page - STMicroelectronics STI360N4F6 Datasheet HTML 5Page - STMicroelectronics STI360N4F6 Datasheet HTML 6Page - STMicroelectronics STI360N4F6 Datasheet HTML 7Page - STMicroelectronics STI360N4F6 Datasheet HTML 8Page - STMicroelectronics STI360N4F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STI360N4F6, STP360N4F6
Electrical ratings
Doc ID 023419 Rev 1
3/11
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
40
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Current limited by package
Drain current (continuous) at TC = 25 °C
120
A
ID
(1)
Drain current (continuous) at TC = 100 °C
120
A
IDM
(1)
Drain current (pulsed)
480
A
PTOT
Total dissipation at TC = 25 °C
300
W
Derating factor
2
W/°C
Tstg
Storage temperature
- 55 to 175
°C
Tj
Operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
0.5
°C/W
Rthj-a
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com