Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL7DN6LF3 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STL7DN6LF3
Description  Automotive-grade dual N-channel 60 V, 35 mΩ typ., 6.5 A STripFET™ F3 Power MOSFET in PowerFLAT™ 5x6 double island
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7DN6LF3 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STL7DN6LF3 Datasheet HTML 10Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 11Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 12Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 13Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 14Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 15Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 16Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 17Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DocID023010 Rev 4
15/18
STL7DN6LF3
Packaging information
18
5
Packaging information
Figure 21. PowerFLAT™ 5x6 tape(a)
Figure 22. PowerFLAT 5x6 WF tape(a)
a.
All dimensions are in millimeters.
Measured from centerline of sprocket hole
to centerline of pocket.
Cumulative tolerance of 10 sprocket
holes is ± 0.20 .
Measured from centerline of sprocket
hole to centerline of pocket.
(I)
(II)
(III)
2
2.0±0.1 (I)
Ko (1.20±0.1)
±0.05)
Ø1.5 MIN.
Ø1.55±0.05
P
Ao(6.30±0.1)
1.75±0.1
4.0±0.1 (II)
P 0
Y
Y
SECTION Y-Y
C
L
P1(8.00±0.1)
Do
D1
E1
(0.30
T
REF
.R0.50
Base and bulk quantity 3000 pcs
8234350_Tape_rev_C
1.50 0.0
+0.1
Do
4.0 0.1(II)
Po
1.75 0.1
E1
1.50MIN
D1
2.0 0.05(I)
P2
Y
Y
R0.30
MAX
0.30 0.05
T
SECTION Y-Y
Measured from centreline of sprocket hole
to centreline of pocket.
Cumulative tolerance of 10 sprocket
holes is ± 0.20 .
Measured from centreline of sprocket
hole to centreline of pocket.
(I)
(II)
(III)
Base and bulk quantity 3000 pcs
P1(8.00±0.1)
Ao(6.70±0.1)
Ko (1.20±0.1)
8234350_TapeWF_rev_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com