Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL42P6LLF6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL42P6LLF6
Description  High avalanche ruggedness
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL42P6LLF6 Datasheet(HTML) 4 Page - STMicroelectronics

  STL42P6LLF6 Datasheet HTML 1Page - STMicroelectronics STL42P6LLF6 Datasheet HTML 2Page - STMicroelectronics STL42P6LLF6 Datasheet HTML 3Page - STMicroelectronics STL42P6LLF6 Datasheet HTML 4Page - STMicroelectronics STL42P6LLF6 Datasheet HTML 5Page - STMicroelectronics STL42P6LLF6 Datasheet HTML 6Page - STMicroelectronics STL42P6LLF6 Datasheet HTML 7Page - STMicroelectronics STL42P6LLF6 Datasheet HTML 8Page - STMicroelectronics STL42P6LLF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STL42P6LLF6
4/14
DocID025457 Rev 3
2
Electrical characteristics
(TC= 25 °C unless otherwise specified)
Table 4: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 250 µA
60
V
IDSS
Zero gate voltage Drain
current
VGS = 0 V, VDS = 60 V
1
µA
VGS = 0 V, VDS = 60 V,
TC = 125 °C
10
µA
IGSS
Gate-body leakage
current
VDS = 0 V, VGS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
2.5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 4.5 A
0.023
0.026
Ω
VGS = 4.5 V, ID= 4.5 A
0.028
0.034
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0 V
-
3780
-
pF
Coss
Output capacitance
-
262
-
pF
Crss
Reverse transfer
capacitance
-
170
-
pF
Qg
Total gate charge
VDD = 30 V, ID = 9 A,
VGS = 4.5 V (see Figure 14:
"Gate charge test circuit" )
-
30
-
nC
Qgs
Gate-source charge
-
10.8
-
nC
Qgd
Gate-drain charge
-
10.5
-
nC
RG
Gate input resistance
ID = 0 A, gate DC bias = 0 V,
f = 1 MHz, magnitude of
alternative signal = 20 mV
-
1.7
-
Ω
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 30 V, ID = 4.5 A
RG = 4.7
Ω, VGS = 10 V (see
Figure 13: "Switching times
test circuit for resistive load" )
-
51.4
-
ns
tr
Rise time
-
39
-
ns
td(off)
Turn-off-delay time
-
171
-
ns
tf
Fall time
-
21
-
ns
For the P-channel Power MOSFET, current polarity of voltages and current have
to be reversed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com