Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303VE Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32F303VE
Description  Reset and supply management
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VE Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32F303VE Datasheet HTML 48Page - STMicroelectronics STM32F303VE Datasheet HTML 49Page - STMicroelectronics STM32F303VE Datasheet HTML 50Page - STMicroelectronics STM32F303VE Datasheet HTML 51Page - STMicroelectronics STM32F303VE Datasheet HTML 52Page - STMicroelectronics STM32F303VE Datasheet HTML 53Page - STMicroelectronics STM32F303VE Datasheet HTML 54Page - STMicroelectronics STM32F303VE Datasheet HTML 55Page - STMicroelectronics STM32F303VE Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 184 page
background image
Pinouts and pin description
STM32F303xD STM32F303xE
52/184
DocID026415 Rev 4
61
95
A3
D5
139 PB8
I/O
FTf
-
TIM16_CH1, TIM4_CH3,
TSC_SYNC, I2C1_SCL,
USART3_RX,
COMP1_OUT, CAN_RX,
TIM8_CH2, TIM1_BKIN,
EVENTOUT
-
62
96
B3
C6
140 PB9
I/O
FTf
-
TIM17_CH1, TIM4_CH4,
I2C1_SDA, IR-OUT,
USART3_TX,
COMP2_OUT, CAN_TX,
TIM8_CH3, EVENTOUT
-
-
97
C3
B7
141 PE0
I/O
FT
(1)
EVENTOUT, TIM4_ETR,
TIM16_CH1, TIM20_ETR,
USART1_TX, FMC_NBL0
-
-
98
A2
A8
142 PE1
I/O
FT
(1)
EVENTOUT, TIM17_CH1,
TIM20_CH4,
USART1_RX, FMC_NBL1
-
63
99
E3
C7
143 VSS
S
-
-
-
64
100 C4
A9,
A10
,
B10
,
B8
144 VDD
S
-
-
-
1. Function availability depends on the chosen device.
2. PC13, PC14 and PC15 are supplied through the power switch. Since the switch sinks only a limited amount of current (3
mA), the use of GPIO PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (e.g. to drive an LED)
After the first backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the
content of the Backup registers which is not reset by the main reset. For details on how to manage these GPIOs, refer to
the Battery backup domain and BKP register description sections in the RM0316 reference manual.
3. The VREF+ functionality is not available on the 64-pin package. In this package, the VREF+ is internally connected to
VDDA.
4. These GPIOs offer a reduced touch sensing sensitivity. It is thus recommended to use them as sampling capacitor I/O.
Table 13. STM32F303xD/E pin definitions (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com