Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303VE Datasheet(PDF) 125 Page - STMicroelectronics

Part # STM32F303VE
Description  Reset and supply management
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VE Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STM32F303VE Datasheet HTML 121Page - STMicroelectronics STM32F303VE Datasheet HTML 122Page - STMicroelectronics STM32F303VE Datasheet HTML 123Page - STMicroelectronics STM32F303VE Datasheet HTML 124Page - STMicroelectronics STM32F303VE Datasheet HTML 125Page - STMicroelectronics STM32F303VE Datasheet HTML 126Page - STMicroelectronics STM32F303VE Datasheet HTML 127Page - STMicroelectronics STM32F303VE Datasheet HTML 128Page - STMicroelectronics STM32F303VE Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 184 page
background image
DocID026415 Rev 4
125/184
STM32F303xD STM32F303xE
Electrical characteristics
161
Note:
It is recommended to add a Schottky diode (pin to ground) to analog pins which may
potentially inject negative currents.
Table 64. I/O current injection susceptibility
Symbol
Description
Functional susceptibility
Unit
Negative
injection
Positive
injection
IINJ
Injected current on BOOT0
-0
NA
mA
Injected current on PF3, PC1, PC2, PA1, PA2, PA3,
PA4, PA5, PA6, PA7, PB0, PB1, PE8, PE9, PE10, PE11,
PE12, PE13, PE14, PE15, PB13, PB14, PB15, PD8,
PD9, PD10, PD11, PD12, PD13, PD14 pins with
induced leakage current on adjacent pins less than -
50 µA or more than +400 µA
-5
+5
Injected current on PF2, PF4, PC0, PC1, PC2, PC3,
PA0, PA1, PA2, PA3, PA4, PA5, PA6, PA7, PC4, PC5,
PB2, PB11 with induced leakage current on other pins
from this group less than -50 µA or more than +400 µA
-5
+5
Injected current on PB0, PB1, PE7, PE8, PE9, PE10,
PE11, PE12, PE13, PE14, PE15, PB12, PB13, PB14,
P15, PD8, PD9, PD10, PD11, PD12, PD13, PD14 with
induced leakage current on other pins from this group
less than -50 µA or more than +400 µA
-5
+5
Injected current on any other FT and FTf pins
-5
NA
Injected current on any other pins
-5
+5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com