Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401VD Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM32F401VD
Description  Up to 12 communication interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401VD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32F401VD Datasheet HTML 4Page - STMicroelectronics STM32F401VD Datasheet HTML 5Page - STMicroelectronics STM32F401VD Datasheet HTML 6Page - STMicroelectronics STM32F401VD Datasheet HTML 7Page - STMicroelectronics STM32F401VD Datasheet HTML 8Page - STMicroelectronics STM32F401VD Datasheet HTML 9Page - STMicroelectronics STM32F401VD Datasheet HTML 10Page - STMicroelectronics STM32F401VD Datasheet HTML 11Page - STMicroelectronics STM32F401VD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 135 page
background image
List of figures
STM32F401xD STM32F401xE
8/135
DocID025644 Rev 3
Figure 47.
WLCSP49 0.4 mm pitch wafer level chip size recommended footprint . . . . . . . . . . . . . . 117
Figure 48.
Example of WLCSP49 marking (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 118
Figure 49.
UFQFPN48, 7 x 7 mm, 0.5 mm pitch, package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . 119
Figure 50.
UFQFPN48 recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120
Figure 51.
Example of UFQFPN48 marking (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 121
Figure 52.
LQFP64, 10 x 10 mm, 64-pin low-profile quad flat package outline . . . . . . . . . . . . . . . . . 122
Figure 53.
LQFP64 recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 123
Figure 54.
Example of LQFP64 marking (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 124
Figure 55.
LQFP100, 14 x 14 mm, 100-pin low-profile quad flat package outline . . . . . . . . . . . . . . . 125
Figure 56.
LQFP100 recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127
Figure 57.
Example of LQPF100 marking (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127
Figure 58.
UFBGA100, 7 x 7 mm, 0.50 mm pitch, ultra fine pitch ball grid array
package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 128
Figure 59.
Recommended PCB design rules for pads (0.5 mm-pitch BGA) . . . . . . . . . . . . . . . . . . . 129
Figure 60.
Example of UFBGA100 marking (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com