Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401CE Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F401CE
Description  Up to 12 communication interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401CE Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F401CE Datasheet HTML 1Page - STMicroelectronics STM32F401CE Datasheet HTML 2Page - STMicroelectronics STM32F401CE Datasheet HTML 3Page - STMicroelectronics STM32F401CE Datasheet HTML 4Page - STMicroelectronics STM32F401CE Datasheet HTML 5Page - STMicroelectronics STM32F401CE Datasheet HTML 6Page - STMicroelectronics STM32F401CE Datasheet HTML 7Page - STMicroelectronics STM32F401CE Datasheet HTML 8Page - STMicroelectronics STM32F401CE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 135 page
background image
This is information on a product in full production.
January 2015
DocID025644 Rev 3
1/135
STM32F401xD STM32F401xE
ARM® Cortex®-M4 32b MCU+FPU, 105 DMIPS,
512KB Flash/96KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
Datasheet
- production data
Features
• Core: ARM
® 32-bit Cortex®-M4 CPU with
FPU, Adaptive real-time accelerator (ART
Accelerator™) allowing 0-wait state execution
from Flash memory, frequency up to 84 MHz,
memory protection unit,
105 DMIPS/1.25 DMIPS/MHz (Dhrystone 2.1),
and DSP instructions
• Memories
– up to 512 Kbytes of Flash memory
– up to 96 Kbytes of SRAM
• Clock, reset and supply management
– 1.7 V to 3.6 V application supply and I/Os
– POR, PDR, PVD and BOR
– 4-to-26 MHz crystal oscillator
– Internal 16 MHz factory-trimmed RC
– 32 kHz oscillator for RTC with calibration
– Internal 32 kHz RC with calibration
• Power consumption
– Run: 146 µA/MHz (peripheral off)
– Stop (Flash in Stop mode, fast wakeup
time): 42 µA Typ @ 25C; 65 µA max
@25 °C
– Stop (Flash in Deep power down mode,
fast wakeup time): down to 10 µA @ 25 °C;
30 µA max @25 °C
– Standby: 2.4 µA @25 °C / 1.7 V without
RTC; 12 µA @85 °C @1.7 V
–VBAT supply for RTC: 1 µA @25 °C
• 1×12-bit, 2.4 MSPS A/D converter: up to 16
channels
• General-purpose DMA: 16-stream DMA
controllers with FIFOs and burst support
• Up to 11 timers: up to six 16-bit, two 32-bit
timers up to 84 MHz, each with up to four
IC/OC/PWM or pulse counter and quadrature
(incremental) encoder input, two watchdog
timers (independent and window) and a
SysTick timer
• Debug mode
– Serial wire debug (SWD) & JTAG
interfaces
–Cortex®-M4 Embedded Trace Macrocell™
• Up to 81 I/O ports with interrupt capability
– Up to 78 fast I/Os up to 42 MHz
– All I/O ports are 5 V-tolerant
• Up to 12 communication interfaces
– Up to 3 x I2C interfaces (SMBus/PMBus)
– Up to 3 USARTs (2 x 10.5 Mbit/s,
1 x 5.25 Mbit/s), ISO 7816 interface, LIN,
IrDA, modem control)
– Up to 4 SPIs (up to 42Mbit/s at
fCPU = 84 MHz), SPI2 and SPI3 with muxed
full-duplex I2S to achieve audio class
accuracy via internal audio PLL or external
clock
– SDIO interface
– Advanced connectivity: USB 2.0 full-speed
device/host/OTG controller with on-chip
PHY
• CRC calculation unit
• 96-bit unique ID
• RTC: subsecond accuracy, hardware calendar
• All packages (WLCSP49, LQFP64/100,
UFQFPN48, UFBGA100) are ECOPACK®2
Table 1. Device summary
Reference
Part number
STM32F401xD
STM32F401CD,
STM32F401RD, STM32F401VD
STM32F401xE
STM32F401CE,
STM32F401RE, STM32F401VE
LQFP100 (14 × 14 mm)
LQFP64 (10 × 10 mm)
UFQFPN48
(7 × 7 mm)
UFBGA100
(7 × 7 mm)
WLCSP49
(3.06 x 3.06 mm)
www.st.com


Similar Part No. - STM32F401CE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F401CE STMICROELECTRONICS-STM32F401CE Datasheet
2Mb / 135P
Clock, reset and supply management
22-Jan-2015
STM32F401CEU6 STMICROELECTRONICS-STM32F401CEU6 Datasheet
2Mb / 135P
ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
07-Sep-2016
STM32F401CEY6TR STMICROELECTRONICS-STM32F401CEY6TR Datasheet
2Mb / 135P
ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
07-Sep-2016
More results

Similar Description - STM32F401CE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
8/16-bit Microcontroller with Serial Communication Interfaces
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
8/16-bit Microcontroller with Serial Communication Interfaces
logo
STMicroelectronics
STM32F756VG STMICROELECTRONICS-STM32F756VG Datasheet
3Mb / 228P
Up to 25 communication interfaces
16-Feb-2016
STM32F031X4 STMICROELECTRONICS-STM32F031X4 Datasheet
1Mb / 106P
ARM-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
16-Dec-2015
STM32F071X8 STMICROELECTRONICS-STM32F071X8 Datasheet
1Mb / 122P
ARM-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC & communication interfaces, 2.0 - 3.6 V
15-Sep-2016
logo
Microchip Technology
LAN9353 MICROCHIP-LAN9353 Datasheet
3Mb / 523P
Interfaces at up to 200Mbps via Turbo MII
01/27/15
logo
STMicroelectronics
ST7LITE49K2 STMICROELECTRONICS-ST7LITE49K2 Datasheet
3Mb / 245P
Communication interfaces
12-Aug-2016
logo
Vecow Co., Ltd.
IVH-9204MX VECOW-IVH-9204MX Datasheet
443Kb / 2P
DVI-I, DVI-D & DisplayPort interfaces, up to 4K display
logo
STMicroelectronics
STM32F071X8 STMICROELECTRONICS-STM32F071X8_V01 Datasheet
2Mb / 122P
sArm®-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC and communication interfaces, 2.0 - 3.6 V
27-Mar-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com