Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401CE Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32F401CE
Description  Up to 12 communication interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401CE Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32F401CE Datasheet HTML 127Page - STMicroelectronics STM32F401CE Datasheet HTML 128Page - STMicroelectronics STM32F401CE Datasheet HTML 129Page - STMicroelectronics STM32F401CE Datasheet HTML 130Page - STMicroelectronics STM32F401CE Datasheet HTML 131Page - STMicroelectronics STM32F401CE Datasheet HTML 132Page - STMicroelectronics STM32F401CE Datasheet HTML 133Page - STMicroelectronics STM32F401CE Datasheet HTML 134Page - STMicroelectronics STM32F401CE Datasheet HTML 135Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 134 / 135 page
background image
Revision history
STM32F401xD STM32F401xE
134/135
DocID025644 Rev 3
9
Revision history
Table 88. Document revision history
Date
Revision
Changes
16-Jan-2014
1
Initial release.
24-Feb-2014
2
Updated Flash memory size in Table 2:
STM32F401xD/xE features and peripheral counts.
Added alternate functions mapped on PCx, PDx and
PEx GPIOS in Table 9: Alternate function mapping
22-Jan-2015
3
Updated UFQFPN48 in Table 3: Regulator ON/OFF and
internal power supply supervisor availability.
Updated number of EXTI lines in Section 3.10: External
interrupt/event controller (EXTI).
Updated Table 54: I/O static characteristics
Added WLCSP49 Figure 47: WLCSP49 0.4 mm pitch
wafer level chip size recommended footprint and
Table 80: WLCSP49 recommended PCB design rules
(0.4 mm pitch). Updated Figure 48: Example of
WLCSP49 marking (top view).
Updated Figure 51: Example of UFQFPN48 marking
(top view).
Updated Figure 54: Example of LQFP64 marking (top
view).
Updated Figure 57: Example of LQPF100 marking (top
view).
Updated Figure 60: Example of UFBGA100 marking
(top view).
Added notes below all engineering sample marking
schematics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com