Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L162VD Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32L162VD
Description  AES 128-bit encryption hardware accelerator
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162VD Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32L162VD Datasheet HTML 105Page - STMicroelectronics STM32L162VD Datasheet HTML 106Page - STMicroelectronics STM32L162VD Datasheet HTML 107Page - STMicroelectronics STM32L162VD Datasheet HTML 108Page - STMicroelectronics STM32L162VD Datasheet HTML 109Page - STMicroelectronics STM32L162VD Datasheet HTML 110Page - STMicroelectronics STM32L162VD Datasheet HTML 111Page - STMicroelectronics STM32L162VD Datasheet HTML 112Page - STMicroelectronics STM32L162VD Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 115 page
background image
DocID027268 Rev 3
109/115
STM32L162VD-X
Package information
114
Figure 28. WLCSP104, 0.4 mm pitch wafer level chip scale package recommended
footprint
Table 64. WLCSP104, 0.4 mm pitch wafer level chip scale package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.525
0.555
0.585
0.0207
0.0219
0.023
A1
-
0.175
-
-
0.0069
-
A2
-
0.38
-
-
0.015
-
A3(2)
2. Back side coating.
-
0.025
-
-
0.001
-
ø b(3)
3. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
0.22
0.25
0.28
0.0087
0.0098
0.011
D
4.06
4.095
4.13
0.1598
0.1612
0.1626
E
5.059
5.094
5.129
0.1992
0.2006
0.2019
e
-
0.4
-
-
0.0157
-
e1
-
3.2
-
-
0.126
-
e2
-
4.4
-
-
0.1732
-
F
-
0.447
-
-
0.0176
-
G
-
0.347
-
-
0.0137
-
aaa
-
-
0.1
-
-
0.0039
bbb
-
-
0.1
-
-
0.0039
ccc
-
-
0.1
-
-
0.0039
ddd
-
-
0.05
-
-
0.002
eee
-
-
0.05
-
-
0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com