Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L162VD Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32L162VD
Description  AES 128-bit encryption hardware accelerator
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162VD Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32L162VD Datasheet HTML 28Page - STMicroelectronics STM32L162VD Datasheet HTML 29Page - STMicroelectronics STM32L162VD Datasheet HTML 30Page - STMicroelectronics STM32L162VD Datasheet HTML 31Page - STMicroelectronics STM32L162VD Datasheet HTML 32Page - STMicroelectronics STM32L162VD Datasheet HTML 33Page - STMicroelectronics STM32L162VD Datasheet HTML 34Page - STMicroelectronics STM32L162VD Datasheet HTML 35Page - STMicroelectronics STM32L162VD Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 115 page
background image
Pin descriptions
STM32L162VD-X
32/115
DocID027268 Rev 3
Table 6. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function
during and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TC
Standard 3.3 V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during
and after reset
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 7. STM32L162VD-X pin definitions
Pins
Pin name
Main
function(2)
(after
reset)
Pin functions
Alternate functions
Additional functions
D6
PE2
I/O FT
PE2
TIM3_ETR/LCD_SEG38/
TRACECLK
-
D7
PE3
I/O FT
PE3
TIM3_CH1/LCD_SEG39/
TRACED0
-
C8
PE4
I/O FT
PE4
TIM3_CH2/TRACED1
-
B9
PE5
I/O FT
PE5
TIM9_CH1/TRACED2
-
E6
PE6-
WKUP3
I/O FT
PE6
TIM9_CH2/TRACED3
WKUP3/RTC_TAMP3
E7
VLCD
S-
VLCD
--
C9
PC13-
WKUP2
I/O FT
PC13
-
WKUP2/RTC_TAMP1
/RTC_TS/RTC_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com