Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP12N50M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP12N50M2
Description  Extremely low gate charge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12N50M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STP12N50M2 Datasheet HTML 1Page - STMicroelectronics STP12N50M2 Datasheet HTML 2Page - STMicroelectronics STP12N50M2 Datasheet HTML 3Page - STMicroelectronics STP12N50M2 Datasheet HTML 4Page - STMicroelectronics STP12N50M2 Datasheet HTML 5Page - STMicroelectronics STP12N50M2 Datasheet HTML 6Page - STMicroelectronics STP12N50M2 Datasheet HTML 7Page - STMicroelectronics STP12N50M2 Datasheet HTML 8Page - STMicroelectronics STP12N50M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
June 2014
DocID026516 Rev 1
1/13
STP12N50M2
N-channel 500 V, 0.325
Ω typ.,10 A MDmesh II Plus™ low Q
g
Power MOSFET in a TO-220 package
Datasheet
- preliminary data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Lower R
DS(on)
x area vs previous generation
• Low gate input resistance
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using a new generation of MDmesh™
technology: MDmesh II Plus™ low Q
g
. This
revolutionary Power MOSFET associates a
vertical structure to the company's strip layout to
yield one of the world's lowest on-resistance and
gate charge. It is therefore suitable for the most
demanding high efficiency converters.
.
AM15572v1
, TAB
Order code
VDS
RDS(on) max
ID
STP12N50M2
500 V
0.38
Ω
10 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STP12N50M2
12N50M2
TO-220
Tube
www.st.com


Similar Part No. - STP12N50M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP12N120K5 STMICROELECTRONICS-STP12N120K5 Datasheet
812Kb / 21P
Worldwide best FOM
08-Apr-2015
logo
Inchange Semiconductor ...
STP12N120K5 ISC-STP12N120K5 Datasheet
393Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP12N60M2 STMICROELECTRONICS-STP12N60M2 Datasheet
404Kb / 13P
Extremely low gate charge
22-May-2015
STP12N65M2 STMICROELECTRONICS-STP12N65M2 Datasheet
675Kb / 13P
N-channel 650 V, 0.42 typ., 8 A MDmesh™ M2 Power MOSFET in a TO-220 package
November 2017 Rev 1
STP12N65M5 STMICROELECTRONICS-STP12N65M5 Datasheet
1Mb / 23P
N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
22-Jun-2011
More results

Similar Description - STP12N50M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA48N60M2 STMICROELECTRONICS-STWA48N60M2 Datasheet
776Kb / 12P
Extremely low gate charge
01-Dec-2015
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
14-Mar-2017
STD7N60M2 STMICROELECTRONICS-STD7N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
June 2013 Rev 1
STD11N65M2 STMICROELECTRONICS-STD11N65M2 Datasheet
1Mb / 21P
Extremely low gate charge
16-May-2014
STF5N60M2 STMICROELECTRONICS-STF5N60M2 Datasheet
743Kb / 13P
Extremely low gate charge
15-Jun-2016
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
Extremely low gate charge
07-Aug-2014
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
Extremely low gate charge
26-Jan-2015
STL13N65M2 STMICROELECTRONICS-STL13N65M2 Datasheet
642Kb / 16P
Extremely low gate charge
18-Dec-2014
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
Extremely low gate charge
27-Jan-2016
STW56N65M2 STMICROELECTRONICS-STW56N65M2 Datasheet
730Kb / 12P
Extremely low gate charge
December 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com