Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10H100C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS10H100C
Description  High voltage power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10H100C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS10H100C Datasheet HTML 1Page - STMicroelectronics STPS10H100C Datasheet HTML 2Page - STMicroelectronics STPS10H100C Datasheet HTML 3Page - STMicroelectronics STPS10H100C Datasheet HTML 4Page - STMicroelectronics STPS10H100C Datasheet HTML 5Page - STMicroelectronics STPS10H100C Datasheet HTML 6Page - STMicroelectronics STPS10H100C Datasheet HTML 7Page - STMicroelectronics STPS10H100C Datasheet HTML 8Page - STMicroelectronics STPS10H100C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID024444 Rev 1
3/10
STPS10H100C
Characteristics
10
To evaluate the conduction losses use the following equation:
P = 0.51 x IF(AV) + 0.02 IF
2
(RMS)
Figure 1. Average forward power dissipation
versus average forward current (per diode)
Figure 2. Average forward current versus
ambient temperature (
δ = 0.5, per diode)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
PF(av)(W)
IF(av) (A)
T
δ=tp/T
tp
δ = 0.2
δ = 0.5
δ = 1
δ = 0.05
δ = 0.1
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
Tamb(°C)
IF(av)(A)
Rth(j-a)=Rth(j-c)
Rth(j-a)=15°C/W
D²PAK, TO-220AB
TO-220FPAB
Figure 3. Normalized avalanche power derating
versus pulse duration
Figure 4. Non repetitive surge peak forward
current versus overload duration
P(t )
P
(10µs)
ARM p
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
IM(A)
Tc=50°C
Tc=75°C
Tc=125°C
t(s)
IM
t
δ=0.5
D2PAK, TO-220AB
Maximum values per diode
Figure 5. Non repetitive surge peak forward
current versus overload duration (TO-220FPAB)
Figure 6. Relative variation of thermal
impedance junction to case versus pulse
duration
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
60
70
80
t(s)
IM(A)
Tc=50°C
Tc=75°C
Tc=125°C
IM
t
δ=0.5
Maximum values per diode
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
Zth(j-c)/Rth(j-c)
tp(s)
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
D2PAK, TO-220AB per diode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com