Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10H100CFP Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS10H100CFP
Description  High voltage power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10H100CFP Datasheet(HTML) 2 Page - STMicroelectronics

  STPS10H100CFP Datasheet HTML 1Page - STMicroelectronics STPS10H100CFP Datasheet HTML 2Page - STMicroelectronics STPS10H100CFP Datasheet HTML 3Page - STMicroelectronics STPS10H100CFP Datasheet HTML 4Page - STMicroelectronics STPS10H100CFP Datasheet HTML 5Page - STMicroelectronics STPS10H100CFP Datasheet HTML 6Page - STMicroelectronics STPS10H100CFP Datasheet HTML 7Page - STMicroelectronics STPS10H100CFP Datasheet HTML 8Page - STMicroelectronics STPS10H100CFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STPS10H100C
2/10
DocID024444 Rev 1
1
Characteristics
When diodes 1 and 2 are used simultaneously:
T
j(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Table 2. Absolute ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS) Forward rms current
10
A
IF(AV)
Average forward
current
 = 0.5
TO-220AB, D2PAK
Tc = 165 °C Per diode
Per device
5
10
A
TO-220FPAB
Tc = 160 °C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
180
A
IRRM
Repetitive peak reverse current
tp = 2 µs square F= 1 kHz
1
A
PARM
Repetitive peak avalanche power
tp = 10 µs Tj = 125 °C
515
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature (1)
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
1.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
–

--------------------------
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB, D2PAK
Per diode
2.2
°C/W
Total
1.3
Rth(c)
Coupling
0.3
Rth(j-c)
Junction to case
TO-220FPAB
Per diode
4.5
°C/W
Total
3.5
Rth(c)
Coupling
2.5
Table 4. Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
3.5
A
Tj = 125 °C
1.3
4.5
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 5 A
0.73
V
Tj = 125 °C
IF = 5 A
0.57
0.61
Tj = 25 °C
IF = 10 A
0.85
Tj = 125 °C
IF = 10 A
0.66
0.71
1.
Pulse test: tp = 5 ms,  < 2%
2.
Pulse test: tp = 380 µs,  < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com