Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC6H065 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPSC6H065
Description  650 V power Schottky silicon carbide diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC6H065 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPSC6H065 Datasheet HTML 6Page - STMicroelectronics STPSC6H065 Datasheet HTML 7Page - STMicroelectronics STPSC6H065 Datasheet HTML 8Page - STMicroelectronics STPSC6H065 Datasheet HTML 9Page - STMicroelectronics STPSC6H065 Datasheet HTML 10Page - STMicroelectronics STPSC6H065 Datasheet HTML 11Page - STMicroelectronics STPSC6H065 Datasheet HTML 12Page - STMicroelectronics STPSC6H065 Datasheet HTML 13Page - STMicroelectronics STPSC6H065 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DocID023247 Rev 6
13/14
STPSC6H065
Ordering information
14
3
Ordering information
4
Revision history
Table 10. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPSC6H065D
STPSC6H065D
TO-220AC
1.86 g
50
Tube
STPSC6H065DI
STPSC 6H065DI
TO-220AC Ins
2.12 g
50
Tube
STPSC6H065G-TR
STPSC6H065G
D2PAK
1.48 g
1000
Tape and reel
STPSC6H065B-TR
STPSC 6H065
DPAK
0.32 g
2500
Tape and reel
Table 11. Document revision history
Date
Revision
Changes
18-Jun-2012
1
First issue.
31-Aug-2012
2
Added diode configuration graphic on front page. Updated value of
Qcj and footnote equation in Table 5.
10-Oct-2012
3
Added Max. value in Table 3.
07-Nov-2013
4
Updated Figure 1, Figure 2, Figure 13, Figure 14, and Table 8.
07-Jan-2014
5
Added TO-220AC Ins package.
22-Jul-2015
6
Updated Table 10 and reformatted to current standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com