Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC6H065B-TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPSC6H065B-TR
Description  650 V power Schottky silicon carbide diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC6H065B-TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPSC6H065B-TR Datasheet HTML 5Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 6Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 7Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 8Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 9Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 10Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 11Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 12Page - STMicroelectronics STPSC6H065B-TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DocID023247 Rev 6
9/14
STPSC6H065
Package information
14
2.3
DPAK package information
Figure 13. DPAK package outline
L1
L
A1
R
R
D
D1
D
c
A
c2
V2
A2
H
L4
e1
e
b
L2
E
b4
E1
Gauge
plane
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com