Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKRHADE010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRHADE010
Description  4-direction with Center-push Function (Surface Mount Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRHADE010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKRHADE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRHADE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRHADE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
454
1
2
3
4
5
6
Circuit Diagram
Refer to P.461 for soldering conditions.
Note
4-directional operating force and travel are measured at 4.3mm height from the bottom of the switch.
PC board mounting hole and land dimensions
(Viewed from mounting face)
Style
Dimensions
Unit:mm
hole
hole
゚
6
5
4
3
2
1
x
7.35
SKRHAAE010
SKRHABE010
7.45
SKRHACE010
SKRHADE010
h
1.8
1.85
a
2.14
2.17
b
1
1.6
c
8.6
8.7
■ Typical Specifications
Items
Specifications
Rating(max.)
50mA 12V DC
Rating(min.)
10μA 1V DC
SKRH 4-direction with Center-push Function (Surface Mount Type)
Body hight of 1.85mm available with long-life of 1 million life cycles
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case / export packing
1,300
10,400
10,400
16
401×401×214
Product Line
Product No.
Operating force
Travel(mm)
Operating life
(5mA 5V DC)
Initial contact
resistance
Stem
color
Guide
bosses
Minimum order unit(pcs.)
4-direction Center-push 4-direction Center-push
Japan
Export
SKRHAAE010
1.23N
2.35N
0.25
0.15
200,000
cycles
for each
direction
500mΩ
max.
Black
Without
1,300
1,300
SKRHABE010
With
SKRHACE010
1.2N
1,000,000
cycles
for each
direction
100mΩ
max.
Natural
Without
SKRHADE010
With


Similar Part No. - SKRHADE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRHADE010 ALPS-SKRHADE010 Datasheet
177Kb / 3P
4-direction with Center-push Function (Surface mount type)
logo
List of Unclassifed Man...
SKRHADE010 ETC-SKRHADE010 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - SKRHADE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RKJXL ALPS-RKJXL Datasheet
136Kb / 2P
8-directional Stick Switch (with Center-push Function)
RKJXS ALPS-RKJXS Datasheet
155Kb / 3P
8-directional Stick Switch (with Center-push Function)
RKJXT1F ALPS-RKJXT1F Datasheet
140Kb / 2P
4-directional Stick Switch (with Encoder/Center-push Function)
SKQU ALPS-SKQU Datasheet
244Kb / 4P
4-direction with Center-push Function (SMD & Snap-inType)
SKRH ALPS-SKRH Datasheet
177Kb / 3P
4-direction with Center-push Function (Surface mount type)
SKRV ALPS-SKRV Datasheet
185Kb / 3P
Low-profile 4-direction with Center-push Function (Surface Mount Type)
logo
Rohm
RPI-1031 ROHM-RPI-1031 Datasheet
74Kb / 2P
Surface Mount type 4 Direction Detector
RPI-1040 ROHM-RPI-1040 Datasheet
69Kb / 3P
Surface Mount type 4 Direction Detector
logo
ALPS ELECTRIC CO.,LTD.
SKRV ALPS-SKRV_15 Datasheet
684Kb / 3P
Low-profile 4-direction with Center-push Function (Surface Mount Type)
logo
Rohm
RPI-1035 ROHM-RPI-1035 Datasheet
410Kb / 5P
Surface Mount type 4 Direction Detector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com