Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F139 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F139
Description  Dual 1-of-4 Decoder/Demultiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F139 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F139 Datasheet HTML 1Page - National Semiconductor (TI) 74F139 Datasheet HTML 2Page - National Semiconductor (TI) 74F139 Datasheet HTML 3Page - National Semiconductor (TI) 74F139 Datasheet HTML 4Page - National Semiconductor (TI) 74F139 Datasheet HTML 5Page - National Semiconductor (TI) 74F139 Datasheet HTML 6Page - National Semiconductor (TI) 74F139 Datasheet HTML 7Page - National Semiconductor (TI) 74F139 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
A0 A1
Address Inputs
1010
20 mA b06 mA
E
Enable Inputs (Active LOW)
1010
20 mA b06 mA
O0–O3
Outputs (Active LOW)
50333
b
1 mA20 mA
Functional Description
The ’F139 is a high-speed dual 1-of-4 decoderdemultiplex-
er The device has two independent decoders each of
which accepts two binary weighted inputs (A0–A1) and pro-
vides four mutually exclusive active LOW Outputs (O0–O3)
Each decoder has an active LOW enable (E) When E is
HIGH all outputs are forced HIGH The enable can be used
as the data input for a 4-output demultiplexer application
Each half of the ’F139 generates all four minterms of two
variables These four minterms are useful in some applica-
tions replacing multiple gate functions as shown in
Figure 1
and thereby reducing the number of packages required in a
logic network
Truth Table
Inputs
Outputs
E
A0
A1
O0
O1
O2
O3
HX
X
H
H
H
H
LL
L
L
H
H
H
LH
L
H
L
H
H
LL
H
H
H
L
H
LH
H
H
H
H
L
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
TLF9479 – 6
FIGURE 1 Gate Functions
(each half)
Logic Diagram
TLF9479 – 5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com