Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3R06UFY Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH3R06UFY
Description  Automotive Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3R06UFY Datasheet(HTML) 2 Page - STMicroelectronics

  STTH3R06UFY Datasheet HTML 1Page - STMicroelectronics STTH3R06UFY Datasheet HTML 2Page - STMicroelectronics STTH3R06UFY Datasheet HTML 3Page - STMicroelectronics STTH3R06UFY Datasheet HTML 4Page - STMicroelectronics STTH3R06UFY Datasheet HTML 5Page - STMicroelectronics STTH3R06UFY Datasheet HTML 6Page - STMicroelectronics STTH3R06UFY Datasheet HTML 7Page - STMicroelectronics STTH3R06UFY Datasheet HTML 8Page - STMicroelectronics STTH3R06UFY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STTH3R06-Y
2/9
DocID026720 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.1 x IF(AV) + 0.1 x IF
2
(RMS)
Table 2. Absolute ratings (limiting values at Tj = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
Tj = -40 to +175 °C
600
V
IF(AV)
Average forward current, square waveform
TL = 90 °C δ = 0.5
3
A
IFSM
Forward Surge current
tp = 10 ms
30
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
Operating temperature range
-40 to + 175
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
16
°C/W
Table 4. Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms,
δ < 2%
Reverse leakage current
Tj = 25 °C
VR = 600 V
-3
µA
Tj = 150 °C
-
15
100
VF
(2)
2.
Pulse test: tp = 380 µs,
δ < 2%
Forward voltage drop
Tj = 25 °C
IF = 3A
-1.9
V
Tj = 150 °C
-
1.1
1.4
Table 5. Dynamic electrical characteristics
Symbol
Parameter
Tests conditions
Min. Typ. Max. Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, dIF/dt = -50 A/µs
VR = 30 V
-35
50
ns
tfr
Forward recovery time
Tj = 25 °C
IF = 3 A, dIF/dt = 100 A/µs,
VFR = 2.0 V
-
130
VFP
Forward recovery
voltage
-5
V
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com