Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30R02DJF Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH30R02DJF
Description  Ultrafast recovery diode high efficiency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30R02DJF Datasheet(HTML) 3 Page - STMicroelectronics

  STTH30R02DJF Datasheet HTML 1Page - STMicroelectronics STTH30R02DJF Datasheet HTML 2Page - STMicroelectronics STTH30R02DJF Datasheet HTML 3Page - STMicroelectronics STTH30R02DJF Datasheet HTML 4Page - STMicroelectronics STTH30R02DJF Datasheet HTML 5Page - STMicroelectronics STTH30R02DJF Datasheet HTML 6Page - STMicroelectronics STTH30R02DJF Datasheet HTML 7Page - STMicroelectronics STTH30R02DJF Datasheet HTML 8Page - STMicroelectronics STTH30R02DJF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTH30R02DJF
Characteristics
Doc ID 022761 Rev 1
3/9
Table 5.
Recovery characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A
Vr = 30 V
dIF/dt = 100 A/µs
27
35
ns
IF = 1 A
Vr = 30 V
dIF/dt = 50 A/µs
38
50
IRM
Reverse recovery current
Tj = 125 °C
IF = 30 A,
dIF/dt = - 200 A/µs,
VCC = 160 V
6.0
8.0
A
Sfactor
Reverse recovery
softness factor
0.3
-
Qrr
Reverse recovery charges
140
nC
Table 6.
Turn-on switching characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
tfr
Forward recovery time
Tj = 25 °C
IF = 30 A
dIF/dt = 200 A/µs
VFR = 1.3 V
300
ns
VFP
Forward recovery voltage
2.3
3.5
V
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Forward voltage drop versus
forward current
PF(AV)(W)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
δ=0.05
=0.1
=0.2
=0.5
=1
T
δ=Tp/T
tp
IF(AV)(A)
δ
δ
δ
δ
IFM(A)
0.1
1.0
10.0
100.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Tj=150 °C
(Maximum values)
Tj=150 °C
(Typical values)
Tj=25 °C
(Maximum values)
VFM(V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com