Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30S12W Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH30S12W
Description  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30S12W Datasheet(HTML) 4 Page - STMicroelectronics

  STTH30S12W Datasheet HTML 1Page - STMicroelectronics STTH30S12W Datasheet HTML 2Page - STMicroelectronics STTH30S12W Datasheet HTML 3Page - STMicroelectronics STTH30S12W Datasheet HTML 4Page - STMicroelectronics STTH30S12W Datasheet HTML 5Page - STMicroelectronics STTH30S12W Datasheet HTML 6Page - STMicroelectronics STTH30S12W Datasheet HTML 7Page - STMicroelectronics STTH30S12W Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STTH30S12
4/8
DocID026665 Rev 1
Figure 7. Reverse recovery charges versus
dIF/dt (typical values)
Figure 8. Reverse recovery softness factor
versus dIF/dt (typical values)
0
800
1600
2400
3200
4000
4800
0
50
100
150
200
250
300
350
400
450
500
QRR(nC)
I
F = I F(AV)
V
R = 600 V
T
j = 125 °C
dIF/dt(A/µs)
SFACTOR
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
250
300
350
400
450
500
I
F = I F(AV)
V
R = 600 V
T
j = 125 °C
dIF/dt(A/µs)
Figure 9. Relative variations of dynamic
parameters versus junction temperature
Figure 10. Junction capacitance versus reverse
voltage applied (typical values)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
Tj(°C)
I
F=IF(AV)
V
R=600 V
Reference: T
j=125 °C
I
RM
S
FACTOR
Q
RR
C(pF)
10
100
1000
1
10
100
1000
10000
F = 1 MHz
V
OSC = 30 mVRMS
T
j = 25 °C
V
R (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com